Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BML039K Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML039K
Description  Magnetically Coded Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML039K Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML039K Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetically Coded Sensors
BML-M02-A33-A3-M0028-C
Order Code: BML039K
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 283017
ETIM 6.0: EC002544
BML039K_0.6_2024-08-27
1 / 1
1) nominal length/order length, 2) Width, 3) Height of tape, 4) Magnet layer, 5) Carrier strip, 6) Glue layer, 7) Protective film
for removal, 8) Cover strip, 9) Height of masking tape
Basic features
Application
linear motion
Measuring principle
absolute measuring system
Scope of delivery
with cover strip A013
Series
M02
Style
Magnetic tape
Use
for magnetic encoder
BML-S1H
Environmental conditions
Ambient temperature
-20...80 °C
Ext. magnetic fields max.
30 mT (no damage)
Ext. magnetic fields max., in operation
1 mT (no effect)
Overall system temperature coefficient
10.5 ppm/K
Storage temperature
-20...80 °C
Material
Material
Magnetic rubber
Carrier: Stainless steel
Mounting tape 0.2 mm
Mechanical data
Coding
ABS NON C
Dimension
10 x 1.55 x 283 mm (WxHxL)
Pole width
1 mm
Track, number
3
Weight
21 g
Range/Distance
Accuracy class
5 µm referred to 1 m of length
Measuring range
256 mm


Similar Part No. - BML039K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0391 BALLUFF-BML0391 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML0392 BALLUFF-BML0392 Datasheet
116Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML0393 BALLUFF-BML0393 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML0394 BALLUFF-BML0394 Datasheet
116Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML039J BALLUFF-BML039J Datasheet
74Kb / 1P
Magnetically Coded Sensors
2023-12-20
More results

Similar Description - BML039K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML003L BALLUFF-BML003L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com