Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2453 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2453
Description  High Performance Quad Output Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2453_05 Datasheet HTML 1Page - Semtech Corporation SC2453_05 Datasheet HTML 2Page - Semtech Corporation SC2453_05 Datasheet HTML 3Page - Semtech Corporation SC2453_05 Datasheet HTML 4Page - Semtech Corporation SC2453_05 Datasheet HTML 5Page - Semtech Corporation SC2453_05 Datasheet HTML 6Page - Semtech Corporation SC2453_05 Datasheet HTML 7Page - Semtech Corporation SC2453_05 Datasheet HTML 8Page - Semtech Corporation SC2453_05 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
l
c
y
C
y
t
u
D
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
2
&
1
M
W
Pz
H
k
0
0
1
=
s
f0
9%
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
2
&
1
M
W
Pz
H
k
0
0
7
=
s
f1
7%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M
2
&
1
M
W
P
2%
t
i
m
i
L
t
n
e
r
r
u
C
e
g
a
tl
o
V
t
e
S
M
I
L
I
2
&
1
H
C
8
.
12
2
.
2V
n
w
o
D
t
u
h
S
/
t
r
a
t
S
t
f
o
S
t
n
e
r
r
u
C
e
g
r
a
h
C
50
15
1A
µ
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
1A
m
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
e
l
b
a
s
i
D
5
4
.
05
.
05
5
.
0V
n
w
o
D
t
u
h
S
o
t
w
o
L
e
l
b
a
s
i
D
0
5s
µ
t
u
p
t
u
O
)
H
(
e
c
n
a
t
s
i
s
e
R
-
n
O
e
v
ir
D
e
t
a
GI
E
C
R
U
O
S
A
m
5
1
=2
5
)
L
(
e
c
n
a
t
s
i
s
e
R
-
n
O
e
v
ir
D
e
t
a
GI
K
N
I
S
A
m
5
1
=2
5
)
H
(
e
m
i
T
e
s
i
RC
T
U
O
F
p
0
0
0
1
=5
1S
n
)
H
(
e
m
i
T
ll
a
FC
T
U
O
F
p
0
0
0
1
=5
2S
n
)
L
(
e
m
i
T
e
s
i
RC
T
U
O
F
p
0
0
0
1
=5
1S
n
)
L
(
e
m
i
T
ll
a
FC
T
U
O
F
p
0
0
0
1
=5
1S
n
d
o
o
G
r
e
w
o
P
B
F
e
v
o
b
a
l
e
v
e
L
p
ir
T
2
B
F
&
1
B
F
20
10
2%
s
i
s
e
r
e
t
s
y
H
1%
B
F
w
o
l
e
b
l
e
v
e
L
p
ir
T
2
B
F
&
1
B
F
0
2
-0
1
-2
-%
s
i
s
e
r
e
t
s
y
H
1%
l
e
v
e
L
w
o
L
t
u
p
t
u
O
K
O
R
W
PK
0
1
=
r
o
t
s
i
s
e
r
p
u
ll
u
P4
.
06
.
0V
e
g
a
k
a
e
L
h
g
i
H
t
u
p
t
u
O
K
O
R
W
PK
0
1
=
r
o
t
s
i
s
e
r
p
u
ll
u
P0
3A
µ
Note:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
Unless specified: V
CC = 5V, fs = 600KHz, SS/SHDN = 5V, SYNC = 0V, TA = T
J
= -35°C to 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com