Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4601IMSTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4601IMSTR
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4601IMSTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC4601IMSTR Datasheet HTML 1Page - Semtech Corporation SC4601IMSTR Datasheet HTML 2Page - Semtech Corporation SC4601IMSTR Datasheet HTML 3Page - Semtech Corporation SC4601IMSTR Datasheet HTML 4Page - Semtech Corporation SC4601IMSTR Datasheet HTML 5Page - Semtech Corporation SC4601IMSTR Datasheet HTML 6Page - Semtech Corporation SC4601IMSTR Datasheet HTML 7Page - Semtech Corporation SC4601IMSTR Datasheet HTML 8Page - Semtech Corporation SC4601IMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
 2006 Semtech Corp.
www.semtech.com
SC4601
POWER MANAGEMENT
Ordering Information
Pin Descriptions
r
e
b
m
u
N
t
r
a
Pe
c
i
v
e
D
)
1
(
R
T
S
M
I
1
0
6
4
C
S
0
1
-
P
O
S
M
T
R
T
S
M
I
1
0
6
4
C
S
)
2
(
B
V
E
1
0
6
4
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
VCC: Positive supply rail for the IC. Bypass this pin to
GND with a 0.1 to 4.7µF low ESL/ESR ceramic capaci-
tor.
GND: All voltages are measured with respect to this pin.
All bypass and timing capacitors connected to GND should
have leads as short and direct as possible.
FS: An external resistor connected with FS pin sets the
clock frequency.
SYNC/SLEEP: The oscillator frequency of SC4601 is set
by FS when SYNC/SLEEP is pulled and held above 2V. Its
synchronous mode operation is activated as the SYNC/
SLEEP is driven by an external clock. The oscillator and
PWM are designed to provide practical operation to 700kHz
when synchronized with V
IN ≤ 3.6V.
Sleep mode is in-
voked if SYNC/SLEEP is pulled and held below 0.8V which
can be accomplished by an external gate or transistor.
The Sleepmode supply current is 10µA typical.
VSENSE: This pin is the inverting input of the voltage
amplifier and serves as the output voltage feedback point
for the Buck converter. It senses the output voltage through
an external divider.
COMP: This is the output of the voltage amplifier. The
voltage at this output is connected to the inverting input
of the PWM comparator. A lead-lag network around the
voltage amplifier compensates for the two pole LC filter
characteristic inherent to voltage mode control and is
required in order to optimize the dynamic performance
of the voltage mode control loop.
PHASE, ISET: PHASE input is connected to the junction
between the two external power MOSFET transistors. The
voltage drop across the upper P-channel device is moni-
tored by PHASE and ISET during PFET conduction and
forms the current limit comparator and logic that sets
the PWM latch and terminates the PFET output pulse
once excessive voltage drop across the PFET is detected.
The controller stops switching and goes through a soft
start sequence once the converter output voltage drops
below 68.75% its nominal voltage. This prevents excess
power dissipation in the PMOSFET during a short circuit.
The current limit threshold is set by the external resistor
between VCC and ISET. The internal 50µA current source
has a positive temperature coefficient that can compen-
sate PMOSFET Rdson variation due to its junction tem-
perature change.
PDRV, NDRV: The PWM circuitry provides complemen-
tary drive signals to the output stages. The Cross con-
duction of the external MOSFETs is prevented by moni-
toring the voltage on the P-channel and N-channel driver
pins in conjunction with a time delay optimized for FET
turn-off characteristics.
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
(10 Pin MSOP)
Pin Configuration
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com