Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1301B Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1301B
Description  2A High Speed Low-Side MOSFET Driver in SOT-23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1301B Datasheet(HTML) 3 Page - Semtech Corporation

  SC1301B Datasheet HTML 1Page - Semtech Corporation SC1301B Datasheet HTML 2Page - Semtech Corporation SC1301B Datasheet HTML 3Page - Semtech Corporation SC1301B Datasheet HTML 4Page - Semtech Corporation SC1301B Datasheet HTML 5Page - Semtech Corporation SC1301B Datasheet HTML 6Page - Semtech Corporation SC1301B Datasheet HTML 7Page - Semtech Corporation SC1301B Datasheet HTML 8Page - Semtech Corporation SC1301B Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
 2007 Semtech Corp.
www.semtech.com
SC1301A/B
POWER MANAGEMENT
Timing Diagrams
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
m
it
e
s
i
Rt
R
m
a
r
g
a
i
D
g
n
i
m
i
T
e
e
S0
2s
n
e
m
it
ll
a
Ft
F
m
a
r
g
a
i
D
g
n
i
m
i
T
e
e
S0
2s
n
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
Pt
1
D
m
a
r
g
a
i
D
g
n
i
m
i
T
e
e
S0
6s
n
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
Pt
2
D
m
a
r
g
a
i
D
g
n
i
m
i
T
e
e
S0
6s
n
AC Electrical Characteristics
Unless otherwise specified: T
A = 25°C, VCC = 12V, VEN = 5V, CL = 1000pF
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
u
p
t
u
O
t
n
e
r
r
u
C
k
a
e
P
t
u
p
t
u
OI
E
C
R
U
O
S
_
K
P
V
T
U
O
t
,
V
5
.
0
=
W
P
,
S
µ
0
1
<
e
s
l
u
p
e
l
g
n
i
s
2A
I
K
N
I
S
_
K
P
V
T
U
O
t
,
V
5
.
0
-
c
c
V
=
W
P
,
S
µ
0
1
<
e
s
l
u
p
e
l
g
n
i
s
2A
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
t
n
i
o
P
p
ir
T
e
r
u
t
a
r
e
p
m
e
T
r
e
v
OT
T
O
_
J
0
5
1C
°
DC Electrical Characteristics (Cont.)
Unless otherwise specified: T
A = 25°C, VCC = 12V, VIN = 5V, VEN = 5V
90%
10%
90%
10%
90%
10%
10%
90%
10%
90%
t
R
t
F
t
F
t
R
t
D1
t
D2
Input
Non-inverted
Output
SC1301A
Inverted
Output
SC1301B
0V
5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com