Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4605IMSTRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC4605IMSTRT
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4605IMSTRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC4605IMSTRT Datasheet HTML 11Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 12Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 13Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 14Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 15Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 16Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 17Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 18Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
 2004 Semtech Corp.
www.semtech.com
SC4605
POWER MANAGEMENT
Over current protection characteristic of SC4605 for 3.3V to 1.5V @12A application
The over current protection curve below is obtained by applying a gradually increased load while the load current
and the output voltage are monitored and measured. When the load current is increased from 0 to 16.2A (over
current trigger point), the output voltage is 1.5V, corresponding from Point A to Point B. As the load current in-
creases further from 16.2A to 16.3A, the output voltage drops significantly from 1.5V (Point B) to 0.88V (Point C).
Because an over current and a lower output voltage (0.88V<68.75%*1.5V=1.03V) are present at Point C, the
SC4605 enters its HICCUP mode. Then the locus of the output current and the output voltage follows Line CD as
shown in the curve. Due to the over current applied, the HICCUP protection will go back and forth on Line CD. This
prevents excess power dissipation in the TOP MOSFET during a short output condition.
Applications Information (Cont.)
Over current protection
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
Io (A)
B
C
D
A
Over current protection
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
Io (A)
B
C
D
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com