Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8CS Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BCR8CS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR8CS Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BCR8CS Datasheet HTML 1Page - Powerex Power Semiconductors BCR8CS Datasheet HTML 2Page - Powerex Power Semiconductors BCR8CS Datasheet HTML 3Page - Powerex Power Semiconductors BCR8CS Datasheet HTML 4Page - Powerex Power Semiconductors BCR8CS Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR8CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8CS
APPLICATION
Solid state relay, hybrid IC
•IT (RMS) ........................................................................ 8A
•VDRM ..............................................................400V/600V
•IFGT !, IRGT !, IRGT # ......................... 30mA (20mA) V5
Symbol
VDRM
VDSM
Parameter
Repetitive peak off-state voltage
V1
Non-repetitive peak off-state voltage V1
Voltage class
Unit
V
V
MAXIMUM RATINGS
8
400
500
12
600
720
Symbol
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
Parameter
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine full wave 360
° conduction, Tc=105°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Unit
A
A
A2s
W
W
V
A
°C
°C
g
Ratings
8
80
26
5
0.5
10
2
–40 ~ +125
–40 ~ +125
1.2
V1. Gate open.
23
1
4
TYPE
NAME
VOLTAGE
CLASS
10.5 MAX
5
1
0.8
4.5
1.3
0.5
0
+0.3
–0
OUTLINE DRAWING
Dimensions
in mm
TO-220S
24
1
3
1
2
3
4
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
T2 TERMINAL
Measurement
point of case
temperature


Similar Part No. - BCR8CS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR8CS MITSUBISHI-BCR8CS Datasheet
86Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR8CS-12LA RENESAS-BCR8CS-12LA Datasheet
114Kb / 7P
Triac Medium Power Use
BCR8CS-12LA-T11 RENESAS-BCR8CS-12LA-T11 Datasheet
114Kb / 7P
Triac Medium Power Use
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
140Kb / 9P
Triac Medium Power Use
More results

Similar Description - BCR8CS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR10CM MITSUBISHI-BCR10CM Datasheet
94Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR12CM MITSUBISHI-BCR12CM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR16CS MITSUBISHI-BCR16CS Datasheet
85Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5AM MITSUBISHI-BCR5AM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5AS MITSUBISHI-BCR5AS Datasheet
87Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR6AM MITSUBISHI-BCR6AM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR10CS POWEREX-BCR10CS Datasheet
86Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR16CS POWEREX-BCR16CS Datasheet
85Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR16CM RENESAS-BCR16CM_15 Datasheet
214Kb / 14P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com