Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2738IMSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2738IMSTRT
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2738IMSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC2738IMSTRT Datasheet HTML 1Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 2Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 3Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 4Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 5Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 6Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 7Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 8Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.semtech.com
SC2738
Ultra Low Output Voltage
Dual Linear FET Controller
POWER MANAGEMENT
Revision: November 16, 2004
Description
Features
The SC2738 is an ultra low output voltage dual power
supply controller designed to simplify power management
for desktop PCs and graphics cards. It is part of Semtech’s
Smart LDOTM family of products. The SC2738 has two
user adjustable outputs that can be set anywhere be-
tween 0.5V and 3.3V (V
IN = 12V, anywhere between 0.5V
and 1.8V for V
IN = 5V) using two external resistors per
output.
SC2738 features for each output include tight output
voltage regulation (±3.5% over -40°C to +85°C), enable
controls, open drain power good signals, under-voltage
protection and soft start. The enable pins allow the part
to enter a very low power standby mode. Pulling them
high enables the outputs. The power good pins are open
drain and assert low when the voltage at their
respective adjust pins is below 88% (typ.) of nominal. If
the voltage at the adjust pin is below 50% (typ.) of
nominal, the under-voltage protection circuitry will shut
down that output. The SC2738 is available in an
MSOP-10 surface mount package.
±3.5% reference voltage
Two independant and fully adjustable outputs
Wide supply voltage range permits operation from
5V or 12V rails
Very low quiescent current (500µA typical with both
outputs enabled and 5V input)
Indivdual Enable control for each output
Individual Power Good monitoring and signalling for
each output
Gate drives from input supply enable use of
N-channel MOSFETs
User selectable dropout voltage
Individual under-voltage protection for each output
MSOP-10 surface mount package
Desktop PCs
Graphics cards
Simple dual power supplies
Typical Application Circuit
Applications
OUT1 Enable
R3
20.0k
OUT1 Power Good
U1
SC2738
1
2
3
4
5
6
7
8
9
10
DRV1
ADJ1
EN1
PGD1
GND
PGD2
EN2
ADJ2
DRV2
IN
C1
0.1uF (1)
VIN2
R4
10.0k
R6 2k (2)
C5
10nF (2)
OUT2 Enable
VOUT1
VIN1
Notes:
(1) Additional capacitance may be required if far from supply
(2) Optional soft-start components
C6
0.1uF
Q1
4
1
2
3
5
6
7
8
VOUT2
OUT2 Power Good
C7
10nF (2)
C3
100uF, 25mOhm POSCAP
C4
100uF, 25mOhm POSCAP
R1
11.0k
5V or 12V IN
R5 2k (2)
C2
0.1uF (1)
R2
10.0k
 +
=
2
R
1
R
1
5
.
0
V
1
OUT
 +
=
4
R
3
R
1
5
.
0
V
2
OUT


Similar Part No. - SC2738IMSTRT

ManufacturerPart #DatasheetDescription
logo
France Joint
SC27X36X7 FRANCEJOINT-SC27X36X7 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC27X37X5 FRANCEJOINT-SC27X37X5 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC27X37X7 FRANCEJOINT-SC27X37X7 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC27X40X6 FRANCEJOINT-SC27X40X6 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC27X41X10 FRANCEJOINT-SC27X41X10 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC2738IMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
Linear Fet Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
DUAL LINEAR FET CONTROLLER
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
Linear FET Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
Ultra Low Output Voltage Dual Linear FET Controller
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
Ultra Low Output Voltage Linear FET Controller
logo
Maxim Integrated Produc...
MAX8563 MAXIM-MAX8563 Datasheet
272Kb / 15P
1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
19-3290; Rev 2; 6/06
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
Ultra Low Output Voltage Linear N-FET Controller
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Unisonic Technologies
LC1126 UTC-LC1126 Datasheet
100Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com