Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2618 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2618
Description  Miniature PWM Controller for Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2618 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2618 Datasheet HTML 1Page - Semtech Corporation SC2618 Datasheet HTML 2Page - Semtech Corporation SC2618 Datasheet HTML 3Page - Semtech Corporation SC2618 Datasheet HTML 4Page - Semtech Corporation SC2618 Datasheet HTML 5Page - Semtech Corporation SC2618 Datasheet HTML 6Page - Semtech Corporation SC2618 Datasheet HTML 7Page - Semtech Corporation SC2618 Datasheet HTML 8Page - Semtech Corporation SC2618 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2618
Component Selection
General design guideline of switching power supplies can
be applied to the component selection for SC2618.
Output Filter Components
Output Filter Components
Output Filter Components
Output Filter Components
Output Filter Components
The purpose of soft start is to control inductor current
during start up, this in turn controls the amount of ex-
cess charge the output capacitor will receive and there-
fore the output voltage overshoot that will occur at the
end of soft start.
GND
L
VIN
Q2
2618-02
Co
VO
Q1
GND
Fig. 2. Output filter components
v
C
i
L
V
O
0
0
t
SS
t
P
I
L
V
P
t
V
REF
Fig. 3. Soft start, inductor current and overshoot
Normally, controllers with an external soft start capaci-
tor, have soft start set so long that overshoot is unde-
tectable. Since the soft start for the SC2618 is internal,
it is necessarily limited and the maximum values of L and
Co should meet the constraints of:
50
2
S
SS
O
X
t
C
L
⋅
=
⋅
where tss is soft start time, 100us typically, and Xs is the
percentage overshoot allowable.
Induct
Induct
Induct
Induct
Inductor and MOSFET
or and MOSFET
or and MOSFET
or and MOSFET
or and MOSFETsssss
The selection of inductor and MOSFETs should meet ther-
mal requirement because they are power loss dominant
components. Pick an inductor with as high inductance
as possible if without adding extra cost and size. Higher
inductance, lower ripple current, smaller core loss and
higher efficiency. However, too high inductance slows
down output transient response. It is recommended to
choose the inductance that gives the inductor ripple cur-
rent to be approximate 20% of maximum load current.
So choose inductor value from:
)
1
(
5
IN
O
O
osc
O
V
V
V
f
I
L
−
⋅
⋅
⋅
=
The MOSFETs are selected from their Rdson, gate charge,
and package. The SC2618 provides 0.5A gate drive cur-
rent. To drive a 25nC gate charge MOSFET gives 25nC/
0.5A=50ns switching time. The switching time ts contrib-
utes to the top MOSFET switching loss:
OSC
S
IN
O
S
f
t
V
I
P
⋅
⋅
⋅
=
There is no switching loss for the bottom MOSFET be-
cause of its zero voltage switching. The conduction losses
of the top and bottom MOSFETs are given by:
D
R
I
P
dson
O
TOP
C
⋅
⋅
= 2
_
)
1
(
2
_
D
R
I
P
dson
O
BOT
C
−
⋅
⋅
=
If the requirement of total power losses for each MOSFET
is given, the above equations can be used to calculate
the values of Rdson and gate charge can be calculated
using above equations, then the devices can be deter-
mined accordingly. The solution should ensure the
MOSFET is within its maximum junction temperature at
highest ambient temperature.
Output Capacitor(s)
Output Capacitor(s)
Output Capacitor(s)
Output Capacitor(s)
Output Capacitor(s)
The output capacitors should be selected to meet both
output ripple and transient response criteria. The output
capacitor ESR causes output ripple VRIPPLE during the
inductor ripple current flowing in. To meet output ripple
criteria, the ESR value should be:
)
1
(
IN
O
O
RIPPLE
OSC
ESR
V
V
V
V
f
L
R
−
⋅
⋅
⋅
<



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com