Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA108S1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DA108S1
Description  Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DA108S1 Datasheet(HTML) 2 Page - STMicroelectronics

  DA108S1_07 Datasheet HTML 1Page - STMicroelectronics DA108S1_07 Datasheet HTML 2Page - STMicroelectronics DA108S1_07 Datasheet HTML 3Page - STMicroelectronics DA108S1_07 Datasheet HTML 4Page - STMicroelectronics DA108S1_07 Datasheet HTML 5Page - STMicroelectronics DA108S1_07 Datasheet HTML 6Page - STMicroelectronics DA108S1_07 Datasheet HTML 7Page - STMicroelectronics DA108S1_07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
DA108S1 / DA112S1
2/8
1
Characteristics
Note:
1
The surge is repeated after the device returns to ambient temperature
1.
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage (for one single diode)
200
V
IPP
Repetitive peak forward current (see Note 1)
8/20 µs
100
A
P
Power dissipation
0.73
W
Tstg
Storage temperature range
-55 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
170
°C/W
Table 3.
Electrical characteristics(Tamb = 25 °C)
Symbol
Parameter
Max.
Unit
IR
Peak forward voltage
IPP = 12 A, 8/20 µS
DA108S1
9
V
DA112S1
12
VF
Forward voltage
IF = 50 mA
1.2
V
IR
Reverse leakage current
VR = 15 V
2
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com