Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT164EE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT164EE4
Description  8-Bit Serial-In/Parallel-Out Shift Register
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT164EE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT164EE4 Datasheet HTML 2Page - Texas Instruments CD74ACT164EE4 Datasheet HTML 3Page - Texas Instruments CD74ACT164EE4 Datasheet HTML 4Page - Texas Instruments CD74ACT164EE4 Datasheet HTML 5Page - Texas Instruments CD74ACT164EE4 Datasheet HTML 6Page - Texas Instruments CD74ACT164EE4 Datasheet HTML 7Page - Texas Instruments CD74ACT164EE4 Datasheet HTML 8Page - Texas Instruments CD74ACT164EE4 Datasheet HTML 9Page - Texas Instruments CD74ACT164EE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Propagation Delay,
MR to Qn
tPLH, tPHL
1.5
-
-
158
-
-
174
ns
3.3
5
-
17.7
4.9
-
19.5
ns
5
3.6
-
12.6
3.5
-
13.9
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
150
-
-
150
-
pF
ACT TYPES
Propagation Delay, CP to Qn
tPLH, tPHL
5
(Note 10)
3.8
-
13.5
3.7
-
14.9
ns
Propagation Delay, MR to Qn
tPLH, tPHL
5
4.1
-
14.4
4
-
15.8
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
150
-
-
150
-
pF
NOTES:
8. Limits tested at 100%.
9. 3.3V Min at 3.6V, Max at 3V.
10. 5V Min at 5.5V, Max at 4.5V.
11. CPD is used to determine the dynamic power consumption per device.
PD =CPDVCC
2 f
i Σ (CLVCC
2 f
o)+VCC ∆ICC, where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC =
supply voltage.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
FIGURE 1.
FIGURE 2.
FIGURE 3.
FIGURE 4.
CP
ANY
OUTPUT
tr
tf
tw
VS
90%
10%
INPUT
GND
1/fMAX
tPLH
tPHL
tTLH
tTHL
VS
90%
10%
MR
VS
tw
tREC
tPHL
ANY
INPUT
CP
INPUT LEVEL
GND
GND
INPUT LEVEL
VS
VS
DS2 (1)
DS1 (2)
CP
VALID
VS
tSU
tH
tREC
INPUT
LEVEL
GND
GND
GND
INPUT
LEVEL
INPUT
LEVEL
VS
tSU
tH
VS
INPUT LEVEL
GND
DS2 (1)
CP
VS
tSU
tH
VS
GND
INPUT LEVEL
CD54/74AC164, CD54/74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com