Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2646BTSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2646BTSTRT
Description  2, 3 or 4 Phase Combi-SenseTM PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2646BTSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC2646BTSTRT Datasheet HTML 1Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 2Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 3Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 4Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 5Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 6Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 7Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 8Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2646B
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical
Characteristics section is not implied.
Unless specified: V
CC = 12V, FOSC = 600kHz, 4 phase operation, VOUT = 1.28V, TA = 27
oC. See Typical Application Circuit. Specifications subject to change without
notice.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
0
2V
e
g
a
t
l
o
V
t
u
p
t
u
O
t
c
e
r
i
D
/
e
s
n
e
S
-
i
b
m
o
C
N
E
S
T
U
O
,
4
S
O
,
3
S
O
,
2
S
O
,
1
S
O5
V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
AT
A
5
8
o
t
0
oC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
5
2
1
o
t
0
oC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-
oC
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
6
2
oC
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
_
p
i
h
C
e
g
a
tl
o
V
y
l
p
p
u
S
C
IV
C
C
72
14
1V
t
n
e
r
r
u
C
y
l
p
p
u
S
C
II
C
C
4
.
50
.
8A
m
p
U
p
m
a
R
O
L
V
U
3
.
60
.
7V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
0
0
70
9
8V
m
n
o
i
t
c
e
S
e
c
n
e
r
e
f
e
R
t
u
p
t
u
O
p
a
g
d
n
a
BV
T
U
O
G
B
C
T
U
O
G
B
F
n
7
.
4
=5
.
1V
t
n
e
r
r
u
C
e
c
r
u
o
S
5
50
75
9
µA
n
o
it
c
e
j
e
R
y
l
p
p
u
SV
C
C
V
0
.
4
1
~
V
0
.
0
1
=5
.
0V
/
V
m
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
)
1
(
0o
T
<
C
A
5
8
<
oC5
.
0%
y
c
a
r
u
c
c
A
e
g
a
tl
o
VV
T
U
O
V
m
0
2
-
s
i
t
e
s
f
f
o
l
a
n
r
e
t
n
I5
.
0
-5
.
0
+%
n
o
i
t
c
e
S
r
o
t
a
ll
i
c
s
O
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OF
C
S
O
R
C
S
O
K
0
2
3
=0
4
50
0
60
6
6z
H
k
e
g
n
a
R
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OF
C
S
O
0
0
50
0
0
3z
H
k
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
)
1
(
0o
T
<
C
A
5
8
<
oC5
-
/
+%
r
e
i
f
il
p
m
A
r
o
r
r
E
e
g
a
t
l
o
V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
)
1
(
5
2A
n
n
i
a
G
p
o
o
L
n
e
p
O
)
1
(
V
<
V
1
T
U
O
R
R
E
V
4
.
3
<0
8B
d



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com