Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC806 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC806
Description  Miniature High Current Lithium-Ion Battery Charger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC806 Datasheet(HTML) 2 Page - Semtech Corporation

  SC806 Datasheet HTML 1Page - Semtech Corporation SC806 Datasheet HTML 2Page - Semtech Corporation SC806 Datasheet HTML 3Page - Semtech Corporation SC806 Datasheet HTML 4Page - Semtech Corporation SC806 Datasheet HTML 5Page - Semtech Corporation SC806 Datasheet HTML 6Page - Semtech Corporation SC806 Datasheet HTML 7Page - Semtech Corporation SC806 Datasheet HTML 8Page - Semtech Corporation SC806 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
 2004 Semtech Corp.
www.semtech.com
SC806
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C5
2 oCT
A
0
4
-
(
o
)
C
°
5
8
+
o
t
Cs
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
e
g
a
tl
o
V
t
u
p
n
IC
C
V5
5
1
.
33
.
6V
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
C
C
I
S
I
D
e
d
o
M
n
w
o
d
t
u
h
S
V
5
=
S
I
D
0
5
80
0
40
0
2
1A
µ
C
C
I
G
H
C
,
B
P
C
,
e
d
o
M
g
n
i
g
r
a
h
C
,
M
R
E
T
I
,
B
G
R
H
C
A
µ
0
=
M
G
R
P
I
2
.
18
.
05
2
.
2A
m
t
n
e
r
r
u
C
e
g
a
k
a
e
L
y
r
e
tt
a
Bk
a
e
lI
T
A
B
V
0
=
C
C
V1
.
01
A
µ
e
g
a
tl
o
V
d
e
t
a
l
u
g
e
R*
*
T
A
B
V2
.
46
1
.
44
2
.
4V
t
n
e
r
r
u
C
e
g
r
a
h
C
-
e
r
P
y
r
e
tt
a
BQ
E
R
P
I
k
1
0
.
3
=
R
r
o
t
s
i
s
e
R
M
R
E
T
I
0
55
45
5
A
m
t
n
e
r
r
u
C
n
o
it
a
n
i
m
r
e
T
y
r
e
tt
a
B
Q
M
R
E
T
I0
55
45
5
t
n
e
r
r
u
C
e
g
r
a
h
C
-
t
s
a
F
y
r
e
tt
a
B
Q
t
s
a
F
I
1
Q
t
s
a
F
I
2
k
5
1
=
M
G
R
P
I
k
7
8
.
1
=
M
G
R
P
I
V
8
.
3
=
Y
R
E
T
T
A
B
V
0
0
1
7
8
7
5
.
1
9
5
-
5
.
1
1
1
5
+
A
m
%
e
g
r
a
h
C
-
t
s
a
F
y
r
e
tt
a
B
ti
m
i
L
t
n
e
r
r
u
C
T
A
B
V
<
Y
R
E
T
T
A
B
V
<
V
8
.
2
V
1
=
e
g
a
tl
o
V
t
u
o
p
o
r
D
*
*
*
0
.
1A
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
o
t
S
I
D
,
C
T
N
,
B
G
R
H
C
,
B
P
C
,
C
C
V
0
.
7
o
t
3
.
0
-V
D
N
G
o
t
M
R
E
T
I
,
M
G
R
P
I
,
T
A
B
O
N
,
T
U
O
V
0
.
6
+
o
t
3
.
0
-V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
C
°
/
W
m
0
2
e
t
a
r
e
D
(
P
L
M)
C
°
5
8
e
v
o
b
ad
P2
W
e
s
a
C
o
t
n
o
it
c
n
u
J
,
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
*
0
5W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
Jx
a
m
j
T0
5
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
s
0
4
-
s
0
2
g
n
ir
e
d
l
o
s
,
e
r
u
t
a
r
e
p
m
e
t
w
o
lf
e
R
R
I
k
a
e
PT
D
A
E
L
0
6
2C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
D
N
G
o
t
t
r
o
h
s
T
U
O
V
s
u
o
u
n
it
n
o
CA
t
n
e
r
r
u
C
t
u
p
t
u
O
T
U
O
V
1A
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
Unless otherwise noted: VCC = 4.75V - 5.25V.
*Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCP with thermal vias under the exposed pad per JESD51 standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com