Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC804A Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC804A Datasheet HTML 8Page - Semtech Corporation SC804A Datasheet HTML 9Page - Semtech Corporation SC804A Datasheet HTML 10Page - Semtech Corporation SC804A Datasheet HTML 11Page - Semtech Corporation SC804A Datasheet HTML 12Page - Semtech Corporation SC804A Datasheet HTML 13Page - Semtech Corporation SC804A Datasheet HTML 14Page - Semtech Corporation SC804A Datasheet HTML 15Page - Semtech Corporation SC804A Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
VCC
14
OVP
13
3
IPRGM
7
NTC
CPB
CHRGB
RTIM
CTO
11
10
12
2
ITERM
4
FLTB
8
6
GND
5
RGND
BSEN
VOUT
VOUT
AFC
1
16
15
9
SC804A
C1
2.2
μF
R3
Red
Green
Charger VIN
RT
NTC
R1
R2
C2
2.2
μF
R4
R5
R6
ERROR
RCT1
RCT2
OV_FLT
VCC
14
OVP
13
3
IPRGM
7
NTC
CPB
CHRGB
RTIM
CTO
11
10
12
2
ITERM
4
FLTB
8
6
GND
5
RGND
BSEN
VOUT
VOUT
AFC
1
16
15
9
SC804A
C1
2.2
μF
R3
Red
Green
Charger VIN
RT
NTC
R1
R2
C2
2.2
μF
R4
R5
R6
ERROR
R11
R12
OV_FLT
C3
VCC
14
OVP
13
3
IPRGM
7
NTC
CPB
CHRGB
RTIM
CTO
11
10
12
2
ITERM
4
FLTB
8
6
GND
5
RGND
BSEN
VOUT
VOUT
AFC
1
16
15
9
SC804A
C1
2.2
μF
R3
Red
Green
Charger VIN
RT
NTC
R1
R2
C2
2.2
μF
R4
R5
R6
ERROR
R11
R12
OV_FLT
C3
Applications Information (Cont.)
Figure 2 - Application Circuit with AFC Disabled, and with NTC and CTO Resistor Networks
Figure 3a - Application Circuit for Adjust Mode
Figure 3b - Application Circuit for Adjust Mode, with Adapter-only Voltage Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com