Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1110CSTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1110CSTRT
Description  Sink and Source DC/DC Controller for Termination Power Supply Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1110CSTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1110CSTRT Datasheet HTML 2Page - Semtech Corporation SC1110CSTRT Datasheet HTML 3Page - Semtech Corporation SC1110CSTRT Datasheet HTML 4Page - Semtech Corporation SC1110CSTRT Datasheet HTML 5Page - Semtech Corporation SC1110CSTRT Datasheet HTML 6Page - Semtech Corporation SC1110CSTRT Datasheet HTML 7Page - Semtech Corporation SC1110CSTRT Datasheet HTML 8Page - Semtech Corporation SC1110CSTRT Datasheet HTML 9Page - Semtech Corporation SC1110CSTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1110
Block Diagram
Applications Information
THEORY OF OPERATION
Synchronous Buck Converter
V
TERMINATION power is provided by a synchronous, voltage-
mode pulse width modulated (PWM) controller. This sec-
tion has all the features required to build a high efficiency
synchronous buck converter for termination of power
application.
The output voltage of the synchronous converter is set
and controlled by the output of the error amplifier. The
external resistive divider generates reference voltage for
the error amplifier from the chipset voltage which is
usually 2.5V. The inverting input of the error amplifier
receives its voltage from the SENSE pin.
The internal oscillator uses an on-chip capacitor and
trimmed precision current sources to set the oscillation
frequency to 250kHz. The triangular output of the oscil-
lator sets the reference voltage at the inverting input of
the PWM comparator. The non-inverting input of the com-
parator receives it’s input voltage from the error ampli-
fier. When the oscillator output voltage drops below the
error amplifier output voltage, the comparator output
goes high. This pulls DL low, turning off the low-side FET,
and DH is pulled high, turning on the high-side FET (once
the cross-current control allows it). When the oscillator
voltage rises back above the error amplifier output volt-
age, the comparator output goes low. This pulls DH low,
turning off the high-side FET, and DL is pulled high, turn-
ing on the low-side FET (once the cross-current control
allows it).
As SENSE increases, the output voltage of the error
amplifier decreases. This causes a reduction in the on-
time of the high-side MOSFET connected to DH, hence
lowering the output voltage.
Under Voltage Lockout
The under voltage lockout circuit of the SC1110 assures
that both the high-side MOSFET driver outputs remain in
the off state whenever the supply voltage drops below
set parameters. Lockout occurs if V
CC falls below 4.1V.
Normal operation resumes once V
CC rises above 4.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com