Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC480 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 3 Page - Semtech Corporation

  SC480 Datasheet HTML 1Page - Semtech Corporation SC480 Datasheet HTML 2Page - Semtech Corporation SC480 Datasheet HTML 3Page - Semtech Corporation SC480 Datasheet HTML 4Page - Semtech Corporation SC480 Datasheet HTML 5Page - Semtech Corporation SC480 Datasheet HTML 6Page - Semtech Corporation SC480 Datasheet HTML 7Page - Semtech Corporation SC480 Datasheet HTML 8Page - Semtech Corporation SC480 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
TEST CONDITIONS: V
IN = 15V, VCCA = VDDP = VTTEN = EN/PSV = 5V, VDDQ = VTTIN = 1.8V, RTON = 1MΩ. TAMB = -40 TO +85C.
Parameter
Conditions
25°C
-40°C to 85°C
Units
Min
Typ
Max
Min
Max
VDDQ Controller
FB Error Comparator Threshold(1)
With Adjustable Resistor Divider
1.500
1.485
1.515
V
VDDQS Regulation Threshold
FB = AGND
2.5
2.475
2.525
V
FB = VCCA
1.8
1.782
1.818
V
On-Time
RTON = 1MΩ, VDDQ = 1.8V
460
368
552
ns
RTON = 500kΩ, VDDQ = 1.8V
265
212
318
Minimum Off-Time
425
550
ns
VDDQS Input Resistance
FB < 0.3V
80
kΩ
FB > 0.3V
91
kΩ
VDDQS Shutdown
Discharge Resistance
EN/PSV = GND
16
Ω
FB Leakage Current
-1.0
1.0
μA
VDDQ Smart Psave Threshold
8
%
VTT Controller
REF Source Current
10
mA
REF Sink Resistance
50
kΩ
REF Output Accuracy
IREF = 0 to 10mA
900
882
918
mV
Shutdown Discharge Resistance
(EN/PSV = GND)
VTT
0.25
Ω
REF
8
Ω
VTT Output Accuracy
(with respect to REF)
-2A < I
VTT < 2A
(9)
0
-40
+40
mV
VTTS Leakage Current
-1.0
1.0
μA
Current Sensing
ILIM Current
DL High
10
9
11
μA
Current Comparator Offset
PGND1 - ILIM
-10
10
mV
Zero-Crossing Threshold
PGND1 - LX, EN/PSV = 5V
5
mV
VDDQ Fault Protection
Current Limit (Positive)(2)
PGND1 - LX, RLIM = 5kΩ
50
35
65
mV
PGND1 - LX, RLIM = 10kΩ
100
80
120
PGND1 - LX, RLIM = 20kΩ
200
170
230
Current Limit (Negative)
PGND1 - LX
-125
-160
-90
mV
Output Under-Voltage Fault
With Respect to FB Regulation Point
-30
-35
-25
%
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com