Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4502 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 6Page - Semtech Corporation SC4502 Datasheet HTML 7Page - Semtech Corporation SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation SC4502 Datasheet HTML 10Page - Semtech Corporation SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation SC4502 Datasheet HTML 13Page - Semtech Corporation SC4502 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
temperature and voltage characteristics. One may be
tempted to use Z5U and Y5V ceramic capacitors for
output filtering because of their high capacitance and
small sizes. However these types of capacitors have high
temperature and high voltage coefficients. For example,
the capacitance of a Z5U capacitor can drop below 60%
of its room temperature value at –25
°C and 90°C. X5R
ceramic capacitors, which have stable temperature and
voltage coefficients, are the preferred type.
The diode current waveform in Figure 4 is discontinuous
with high ripple-content. In a buck converter, the inductor
ripple current
L
I
∆ determines the output ripple voltage.
The output ripple voltage of a boost regulator is however
much higher and is determined by the absolute value of
the inductor current. Decreasing the inductor ripple
current does not appreciably reduce the output ripple
voltage. The current flowing in the output filter capacitor
is the difference between the diode current and the
output current. This capacitor current has a RMS value
of:
1
V
V
I
IN
OUT
OUT
−
(8)
If a tantalum capacitor is used, then its ripple current rating
in addition to its ESR will need to be considered.
When the switch is turned on, the output capacitor supplies
the load current I
OUT (Figure 4). The output ripple voltage
due to charging and discharging of the output capacitor is
therefore:
OUT
OUT
OUT
C
T
D
I
V
⋅
⋅
=
∆
(9)
For most applications, a 10µF - 22µF ceramic capacitor
is sufficient for output filtering. It is worth noting that the
output ripple voltage due to discharging of a 10µF ceramic
capacitor (9) is higher than that due to its ESR.
Rectifying Diode
For high efficiency, Schottky barrier diodes should be used
as rectifying diodes for the SC4502/SC4502H. These
diodes should have a RMS current rating between 0.5A
and 1A with a reverse blocking voltage of at least a few
Volts higher than the output voltage. For switching
regulators operating at low duty cycles (i.e. low output
voltage to input voltage conversion ratios), it is beneficial
to use rectifying diodes with somewhat higher RMS
current ratings (thus lower forward voltages). This is
because the diode conduction interval is much longer
than that of the transistor. Converter efficiency will be
improved if the voltage drop across the diode is lower.
The rectifying diodes should be placed close to the SW
pins of the SC4502/SC4502H to minimize ringing due
to trace inductance. Surface-mount equivalents of
1N5817, 1N5819, MBRM120, MBR0520 (ON Semi) and
10BQ015, 10BQ040 (IRF) are all suitable.
Soft-Start
Soft-start prevents a DC-DC converter from drawing
excessive current (equal to the switch current limit) from
the power source during start up. If the soft-start time is
made sufficiently long, then the output will enter regulation
without overshoot. An external capacitor from the SS pin
to the ground and an internal 1.5µA charging current
source set the soft-start time. The soft-start voltage ramp
at the SS pin clamps the error amplifier output. During
regulator start-up, COMP voltage follows the SS voltage.
The converter starts to switch when its COMP voltage
exceeds 0.7V. The peak inductor current is gradually
increased until the converter output comes into regulation.
If the shutdown pin is forced below 1.1V or if a fault
situation is detected, then the soft-start capacitor will
be discharged to ground immediately.
The SS pin can be left open if soft-start is not required.
Shutdown
The input voltage and shutdown pin voltage must be greater
than 1.4V and 1.1V respectively to enable the SC4502/
SC4502H. Forcing the shutdown pin below 1.1V stops
the SC4502/SC4502H from switching. Pulling this pin
below 0.1V completely shuts off the SC4502/SC4502H.
The total V
IN shutdown current decreases to 10µA at 2V.
Figure 5 shows several ways of interfacing the control
logic to the shutdown pin. Beware that the shutdown pin
is a high impedance pin. It should always be driven from
a low-impedance source or tied to a resistive divider.
Floating the shutdown pin will result in undefined voltage.
In Figure 5(c) the shutdown pin is driven from a logic
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com