Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4502HEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4502HEVB
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502HEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC4502HEVB Datasheet HTML 1Page - Semtech Corporation SC4502HEVB Datasheet HTML 2Page - Semtech Corporation SC4502HEVB Datasheet HTML 3Page - Semtech Corporation SC4502HEVB Datasheet HTML 4Page - Semtech Corporation SC4502HEVB Datasheet HTML 5Page - Semtech Corporation SC4502HEVB Datasheet HTML 6Page - Semtech Corporation SC4502HEVB Datasheet HTML 7Page - Semtech Corporation SC4502HEVB Datasheet HTML 8Page - Semtech Corporation SC4502HEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
Absolute Maximum Rating
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sp
y
Ts
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
6
1
o
t
3
.
0
-V
e
g
a
tl
o
V
W
SV
W
S
2
3
o
t
3
.
0
-V
)
H
2
0
5
4
C
S
(
e
g
a
tl
o
V
W
SV
W
S
0
4
o
t
3
.
0
-V
s
e
g
a
tl
o
V
B
FV
B
F
5
.
2
o
t
3
.
0
-V
e
g
a
tl
o
V
N
D
H
SV
N
D
H
S
V
o
t
3
.
0
-
N
I
1
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
)
0
1
-
D
P
L
M
(
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
0
4W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
0
6
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
6
2C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E0
0
0
2V
Unless other specified: V
IN = 2V, SHDN = 1.5V, ROSC = 7.68kΩ, -40°C < TA = TJ < 85°C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
m
u
m
i
n
i
M
3
.
14
.
1V
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
m
u
m
i
x
a
M
6
1V
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
T
A
C
°
5
2
=4
2
2
.
12
4
2
.
10
6
2
.
1V
T
<
C
°
0
4
-
A
C
°
5
8
<7
1
2
.
17
6
2
.
1V
n
o
it
a
l
u
g
e
R
e
n
i
L
e
g
a
tl
o
V
k
c
a
b
d
e
e
FV
<
V
5
.
1
N
I
V
6
1
<1
0
.
0%
t
n
e
r
r
u
C
s
a
i
B
n
i
P
B
F
0
40
8A
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
A
r
o
r
r
E
0
6
Ω
µ 1−
n
i
a
G
p
o
o
L
-
n
e
p
O
r
e
if
il
p
m
A
r
o
r
r
E
9
4B
d
t
n
e
r
r
u
C
e
c
r
u
o
S
P
M
O
CV
B
F
V
1
.
1
=5
µA
t
n
e
r
r
u
C
k
n
i
S
P
M
O
CV
B
F
V
4
.
1
=5
µA
V
N
I
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QV
N
D
H
S
V
,
V
5
.
1
=
P
M
O
C
)
g
n
i
h
c
ti
w
S
t
o
N
(
0
=1
.
16
.
1A
m
V
N
I
n
w
o
d
t
u
h
S
n
i
t
n
e
r
r
u
C
y
l
p
p
u
SV
N
D
H
S
0
=0
18
1
µA
y
c
n
e
u
q
e
r
F
g
n
i
h
c
ti
w
S
3
.
15
.
17
.
1z
H
M
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
5
80
9
%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M
0%
ti
m
i
L
t
n
e
r
r
u
C
h
c
ti
w
S
4
.
12
A
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
h
c
ti
w
SI
W
S
A
3
.
1
=0
1
20
4
3V
m
)
H
2
0
5
4
C
S
(
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
h
c
ti
w
S
I
W
S
A
3
.
1
=0
5
20
9
3V
m
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com