Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4808AIMSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4808AIMSTRT
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808AIMSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC4808AIMSTRT Datasheet HTML 1Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 2Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 3Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
C
C
V
)
A
8
0
8
4
C
S
(
d
l
o
h
s
e
r
h
T
t
r
a
t
S
5
7
.
0
12
15
2
.
3
1V
)
A
8
0
8
4
C
S
(
s
i
s
e
r
e
t
s
y
H
5
.
35
.
45
.
5V
)
B
8
0
8
4
C
S
(
d
l
o
h
s
e
r
h
T
t
r
a
t
S
0
.
40
4
.
45
.
4V
)
B
8
0
8
4
C
S
(
s
i
s
e
r
e
t
s
y
H
0
40
70
1
1V
m
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
e
n
i
L
d
l
o
h
s
e
r
h
T
t
r
a
t
Sk
4
1
=
3
2
R
Ω
k
0
1
=
3
3
R
,
Ω
)
4
1
e
g
a
p
e
e
s
(%
3
-F
E
R
V%
3
+V
s
i
s
e
r
e
t
s
y
Hk
4
1
=
3
2
R
Ω
k
0
1
=
3
3
R
,
Ω
)
4
1
e
g
a
p
e
e
s
(
f
o
%
6
.
5
F
E
R
V
V
m
t
r
a
t
S
t
f
o
S
p
m
a
R
t
r
a
t
S
t
f
o
S
l
a
n
r
e
t
n
I
0
0
2V
/
s
µ
)
A
8
0
8
4
C
S
(
n
o
it
a
r
u
D
t
r
a
t
S
t
f
o
Sk
7
=
s
c
R
Ω
n
o
it
a
c
il
p
p
a
e
h
t
n
i
a
l
u
m
r
o
f
e
e
S
(
)
1
2
e
g
a
p
n
o
n
o
it
c
e
s
n
o
it
a
m
r
o
f
n
i
0
1
1s
µ
)
B
8
0
8
4
C
S
(
n
o
it
a
r
u
D
t
r
a
t
S
t
f
o
Sk
1
=
s
c
R
Ω
n
o
it
a
c
il
p
p
a
e
h
t
n
i
a
l
u
m
r
o
f
e
e
S
(
)
1
2
e
g
a
p
n
o
n
o
it
c
e
s
n
o
it
a
m
r
o
f
n
i
2
1s
µ
y
a
l
e
D
t
r
a
t
S
t
f
o
S
0
4
1s
µ
r
o
t
a
l
l
i
c
s
O
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OR
c
s
o
k
1
1
=
Ω C
,
c
s
o
F
p
0
0
2
=0
5
40
0
50
5
5z
H
K
p
m
a
R
r
o
t
a
ll
i
c
s
O
2
/
F
E
R
V
5
2
.
0
+
V
e
c
n
a
t
i
c
a
p
a
c
D
N
G
o
t
n
i
p
C
R
2
2F
p
e
g
n
a
R
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
0
50
0
0
1z
H
K
K
C
O
L
C
/
c
n
y
S
)
A
8
0
8
4
C
S
(
d
l
o
h
s
e
r
h
T
C
N
Y
S
k
c
o
l
C
6
.
1V
)
B
8
0
8
4
C
S
(
d
l
o
h
s
e
r
h
T
C
N
Y
S
k
c
o
l
C
0
.
1V
e
g
n
a
R
y
c
n
e
u
q
e
r
F
c
n
y
S
F
c
s
o
3
.
1
*z
H
K
p
a
g
d
n
a
B
)
A
8
0
8
4
C
S
(
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
5
7
.
40
.
55
2
.
5V
)
A
8
0
8
4
C
S
(
t
n
e
r
r
u
C
e
c
n
e
r
e
f
e
R
5A
m
)
B
8
0
8
4
C
S
(
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
0
7
9
.
25
2
1
.
30
8
2
.
3V
e
c
n
e
r
e
f
e
R)
B
8
0
8
4
C
S
(
t
n
e
r
r
u
C
5A
m
l
l
a
r
e
v
O
t
n
e
r
r
u
C
p
u
t
r
a
t
Sd
l
o
h
s
e
r
h
t
t
r
a
t
s
<
C
C
V0
5
1A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
g
n
it
a
r
e
p
OV
0
=
S
C
,
V
0
=
B
F7
A
m
e
g
a
tl
o
V
t
n
u
h
S
r
e
n
e
Z
C
C
VA
m
0
1
=
D
D
I6
1V
Unless specified: VCC = 12V; CL = 100pF; T
A = -40°C to 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com