Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7733 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT7733
Description  PFM Step-up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7733 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT7733 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7733 Datasheet HTML 19Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
SOT-25
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
8.0
±0.3
P
Cavity Pitch
4.0
E
Perforation Position
1.75
F
Cavity to Perforation (Width Direction)
3.5
±0.05
D
Perforation Diameter
1.5+0.1
D1
Cavity Hole Diameter
1.5+0.1
P0
Perforation Pitch
4.0
P1
Cavity to Perforation (Length Direction)
2.0
A0
Cavity Length
3.15
B0
Cavity Width
3.2
K0
Cavity Depth
1.4
t
Carrier Tape Thickness
0.20
±0.03
C
Cover Tape Width
5.3
HT77XX
Rev 1.60
18
September 12, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com