Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7737 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7737
Description  PFM Step-up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7737 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7737 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7737 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7737 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7737 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7737 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7737 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7737 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7737 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7737 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
Description
TO-92
SOT-89
SOT-23
SOT-25
¾¾¾
1
CE
Chip enable pin, high active
2232
VOUT
DC/DC converter output monitoring pin
¾¾¾
3
NC
No connection
1114
GND
Ground pin
3325
LX
Switching pin
Absolute Maximum Ratings
Supply Voltage ..............................VSS
-0.3V to VSS+7V
Storage Temperature ............................
-50°Cto125°C
Operating Temperature ...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Thermal Information
Symbol
Parameter
Package
Max.
Unit
qJA
Thermal Resistance
(Junction to Ambient)
(Assume no ambient airflow,
no heat sink)
SOT-89
300
°C/W
TO-92
300
°C/W
SOT-23
330
°C/W
SOT-25
320
°C/W
PD
Power Dissipation
SOT-89
0.33
W
TO-92
0.33
W
SOT-23
0.3
W
SOT-25
0.31
W
Note: PD is measured at Ta= 25
°C
HT77XX
Rev 1.60
2
September 12, 2007
G N D
S O T - 8 9
F r o n t V i e w
B o t t o m V i e w
S O T - 2 5
C E
V O U T
G N D
V O U T
T o p V i e w
H T 7 7 X X #
7 7 X X #
T O - 9 2
V O U T
G N D
H T 7 7 X X
L X
V O U T
L X
L X
L X
G N D
N C
C E
V O U T
N C
1
2
3
1
2
3
1
2
3
4
5
S O T - 2 3
V O U T
T o p V i e w
7 7 X X #
L X
G N D
3
2
1
L X
G N D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com