Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC338A Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC338A
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338A Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC338A Datasheet HTML 6Page - Semtech Corporation SC338A Datasheet HTML 7Page - Semtech Corporation SC338A Datasheet HTML 8Page - Semtech Corporation SC338A Datasheet HTML 9Page - Semtech Corporation SC338A Datasheet HTML 10Page - Semtech Corporation SC338A Datasheet HTML 11Page - Semtech Corporation SC338A Datasheet HTML 12Page - Semtech Corporation SC338A Datasheet HTML 13Page - Semtech Corporation SC338A Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
 2004 Semtech Corp.
www.semtech.com
SC338(A)
PRELIMINARY
POWER MANAGEMENT
Drive Pin Output Current (Sourcing) vs.
Junction Temperature vs. Input Voltage
Drive Pin Output Current (Sinking) vs.
Junction Temperature vs. Input Voltage
Typical Characteristics (Cont.)
Drive Pin Output Voltage (Full On) vs.
Junction Temperature vs. Input Voltage
Under Voltage Trip Threshold
vs. Junction Temperature
Power Good Threshold vs.
Junction Temperature
Power Good Logic Low Output Voltage
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VEN = 5V
VADJ < VBG
VIN = 12V
VIN = 5V
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
125
TJ (°C)
VEN = 5V
VADJ > VBG
VIN = 5V
VIN = 12V
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
TJ (°C)
VEN = 5V
IDRV = 0mA
VADJ < VBG
VIN = 12V
VIN = 5V
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = 5V
-15.0
-12.5
-10.0
-7.5
-5.0
-2.5
0.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = 5V
Startup only
Normal operation
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = 5V
VADJ = 0.4V
IPGD = -1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com