Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4808C Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4808C
Description  High Performance Dual Ended PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808C Datasheet(HTML) 2 Page - Semtech Corporation

  SC4808C Datasheet HTML 1Page - Semtech Corporation SC4808C Datasheet HTML 2Page - Semtech Corporation SC4808C Datasheet HTML 3Page - Semtech Corporation SC4808C Datasheet HTML 4Page - Semtech Corporation SC4808C Datasheet HTML 5Page - Semtech Corporation SC4808C Datasheet HTML 6Page - Semtech Corporation SC4808C Datasheet HTML 7Page - Semtech Corporation SC4808C Datasheet HTML 8Page - Semtech Corporation SC4808C Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC4808C
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
M
W
P
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M,
V
5
.
3
=
B
F
,
z
H
k
0
5
=
c
s
o
F
B
T
U
O
r
o
A
T
U
O
t
a
d
e
r
u
s
a
e
M
8
49
40
5%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M,
V
5
.
1
=
B
F
,
z
H
k
0
5
=
c
s
o
F
B
T
U
O
r
o
A
T
U
O
t
a
d
e
r
u
s
a
e
M
0%
e
s
n
e
S
t
n
e
r
r
u
C
n
i
a
G
3
l
a
n
g
i
S
t
u
p
n
I
m
u
m
i
x
a
M
5
7
45
2
55
7
5V
m
y
a
l
e
D
t
u
p
t
u
O
o
t
S
C
0
0
1s
n
d
l
o
h
s
e
r
h
T
t
n
e
r
r
u
C
r
e
v
O
0
0
60
0
70
0
8V
m
r
o
t
s
i
s
e
R
n
o
it
a
s
n
e
p
m
o
C
e
p
o
l
S
l
a
n
r
e
t
n
I
5
2k
Ω
t
e
s
ff
O
S
C
o
t
B
F
0
3
.
10
5
.
10
7
.
1V
t
u
p
t
u
O
l
e
v
e
L
w
o
L
T
U
O
00
5
.0
7
.V
l
e
v
e
L
h
g
i
H
T
U
O
0
.
1
15
2
.
1
10
0
.
2
1V
e
m
i
T
e
s
i
R
5
2s
n
e
m
i
T
ll
a
F
5
2s
n
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
C
C
8
1
o
t
5
.
0
-V
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
0
2A
m
D
N
G
o
t
F
E
R
,
O
L
V
U
L
,
S
C
,
C
R
,
C
N
Y
S
7
o
t
5
.
0
-V
D
N
G
o
t
B
FV
B
F
V
(
o
t
5
.
0
-
F
E
R
)
5
.
0
+V
t
n
e
r
r
u
C
F
E
RI
F
E
R
0
1A
m
D
N
G
o
t
B
T
U
O
/
A
T
U
OV
B
/
A
T
U
O
8
1
o
t
5
.
0
-V
)
k
a
e
p
(
t
n
e
r
r
u
C
e
c
r
u
o
S
B
T
U
O
/
A
T
U
OI
e
c
r
u
o
s
0
5
2
-A
m
)
k
a
e
p
(
t
n
e
r
r
u
C
k
n
i
S
B
T
U
O
/
A
T
U
OI
k
n
i
s
0
5
2A
m
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
*
6
3
1W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3
+C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
EV
D
S
E
2V
k
Unless specified: VCC = 12V; CL = 100pF; T
A = -40°C to 105°C
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in
the Electrical Characteristics section is not implied.
*Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad as per JESD51 standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com