Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4612 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4612
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4612 Datasheet HTML 1Page - Semtech Corporation SC4612 Datasheet HTML 2Page - Semtech Corporation SC4612 Datasheet HTML 3Page - Semtech Corporation SC4612 Datasheet HTML 4Page - Semtech Corporation SC4612 Datasheet HTML 5Page - Semtech Corporation SC4612 Datasheet HTML 6Page - Semtech Corporation SC4612 Datasheet HTML 7Page - Semtech Corporation SC4612 Datasheet HTML 8Page - Semtech Corporation SC4612 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
www.semtech.com
SC4612
Wide Input Range High Performance
Synchronous Buck Switching Controller
POWER MANAGEMENT
Description
Features
Applications
Typical Application Circuit
Wide voltage range, V
DD = 28V, VPWRIN = 40V
Internally regulated DRV
Output voltage as low as 0.5V
1.7A gate drive capability
Asynchronous start up mode
Low side R
DS-ON sensing with hiccup mode current
limit
Programmable current limit
Programmable frequency up to 1.2 MHz
Available in MLPD-12 and SOIC-14 Lead-free
packages. This product is fully WEEE and RoHS
compliant
SC4612 is a high performance synchronous buck controller
that can be configured for a wide range of applications.
The SC4612 utilizes synchronous rectified buck topology
where high efficiency is the primary consideration. SC4612
is optimized for applications requiring wide input supply
range and low output voltages down to 500mV.
SC4612 implements an asynchronous soft-start mode,
which keeps the lower side MOSFET off during soft-start, a
desired feature when a converter turns on into a preset
external voltage or pre-biased output voltage. With the lower
MOSFET off, the external bus is not discharged, preventing
any disturbances in the start up slope and any latch-up of
modern day ASIC circuits.
SC4612 comes with a rich set of features such as regulated
DRV supply, programmable soft-start, high current gate
drivers, internal bootstrapping for driving high side
N-channel MOSFET, shoot through protection, R
DS-ON sensing
with hiccup over current protection, and asynchronous start
up with over current protection.
Distributed power architectures
Telecommunication equipment
Servers/work stations
Mixed signal applications
Base station power management
Point of use low voltage high current applications
Revision: January 31, 2007
Q1
Q2
L1
C8
C10
+
_
+
_
Vin
Vout
R3
R4
C5
R1
C1
C9
C2
R5
C3
D1
C7
C4
R2
R6
C6
ILIM
1
PHASE
12
OSC
2
SS/EN
3
FB
5
VDD
6
GND
7
DL
8
DRV
9
BST
10
DH
11
EAO
4
U1
SC4612MLP


Similar Part No. - SC4612

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HEVB SEMTECH-SC4612HEVB Datasheet
539Kb / 21P
40V Synchronous Buck Controller
SC4612HEVB SEMTECH-SC4612HEVB Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HMLTRT SEMTECH-SC4612HMLTRT Datasheet
539Kb / 21P
40V Synchronous Buck Controller
More results

Similar Description - SC4612

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4611 SEMTECH-SC4611 Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
High Performance Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com