Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC900A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC900A
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900A Datasheet(HTML) 2 Page - Semtech Corporation

  SC900A Datasheet HTML 1Page - Semtech Corporation SC900A Datasheet HTML 2Page - Semtech Corporation SC900A Datasheet HTML 3Page - Semtech Corporation SC900A Datasheet HTML 4Page - Semtech Corporation SC900A Datasheet HTML 5Page - Semtech Corporation SC900A Datasheet HTML 6Page - Semtech Corporation SC900A Datasheet HTML 7Page - Semtech Corporation SC900A Datasheet HTML 8Page - Semtech Corporation SC900A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900A
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
-0.3 to +7
V
Digital Input Voltage
V
DIG
-0.3 to VIN +0.3
V
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +125
°C
Peak IR Flow Temperature
T
LEAD
260
°C
Storage Temperature
T
STG
-60 to +150
°C
Thermal Impedance Junction to Ambient(1)
θ
JA
40
°C/W
ESD Protection Level(2)
ESD
2
kV
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Unless otherwise noted V
IN = 3.7V, TA = -40 to +85
°
C. Typical values are at T
A = +25
°
C.
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad as per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B.
Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Min
Typ
Max
Units
General
Supply Voltage
V
IN
All outputs < VIN - dropout
2.7
5.5
V
Quiescent Current Shutdown
I
Q-SHUTDOWN
10
μA
Supply Bypass Capacitor
C
VCC
Per input pin
1
μF
Digital Inputs
Digital Input Voltage
V
IL
0.4
V
V
IH
1.6
V
Digital Input Current
I
DIG
-0.2
0.2
μA
Digital Outputs
Digital Output Voltage(1)
V
OL
I
SINK= 1.2mA, V ≥ 1.8V
2
10
%LDOB
V
OH
I
SOURCE = 0.5mA, V ≥ 1.8V
90
98
%LDOB
Referencing and Biasing Circuitry
Quiescent Current Reference
I
Q-REF
25
μA
Reference Voltage
V
REF
1.227
V
V
REF Start-Up Time
I
VREF
C
VREF = 100nF
15
ms
V
REF Bypass Capacitor
C
VREF
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com