Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ44ZLPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IRFZ44ZLPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44ZLPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IRFZ44ZLPBF Datasheet HTML 5Page - International Rectifier IRFZ44ZLPBF Datasheet HTML 6Page - International Rectifier IRFZ44ZLPBF Datasheet HTML 7Page - International Rectifier IRFZ44ZLPBF Datasheet HTML 8Page - International Rectifier IRFZ44ZLPBF Datasheet HTML 9Page - International Rectifier IRFZ44ZLPBF Datasheet HTML 10Page - International Rectifier IRFZ44ZLPBF Datasheet HTML 11Page - International Rectifier IRFZ44ZLPBF Datasheet HTML 12Page - International Rectifier IRFZ44ZLPBF Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Note: For the most current drawings please refer to the IR website at:
http://www.irf.com/package/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com