Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC453TSTRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 15Page - Semtech Corporation SC453TSTRT Datasheet HTML 16Page - Semtech Corporation SC453TSTRT Datasheet HTML 17Page - Semtech Corporation SC453TSTRT Datasheet HTML 18Page - Semtech Corporation SC453TSTRT Datasheet HTML 19Page - Semtech Corporation SC453TSTRT Datasheet HTML 20Page - Semtech Corporation SC453TSTRT Datasheet HTML 21Page - Semtech Corporation SC453TSTRT Datasheet HTML 22Page - Semtech Corporation SC453TSTRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Based on the above calculations, we choose N = 4 for the
input capacitor.
Step 9: OVP
No calculations are necessary for Over-Voltage Protection.
If V
CORE is greater than +14% of the DAC (i.e., out of the
power good window), the SC453 will latch off and hold the
low-side driver on permanently (for each phase). Either
the power or EN must be recycled to clear the latch. The
latch is disabled during soft-start and VID/DeeperSleep
transitions. The latch is enabled if V
CORE exceeds 2V even
during VID/DeeperSleep transitions to ensure that the
processor maximum is not exceeded. The table on Page
13 is a summary of fault conditions using SC453.
Step 10: Soft-Start/DAC Slew Control
The soft-start cap C21 in the SC453 design serves three
conditions: 1) to define the soft-start ramp; 2) to define
the DAC slew rate during sleep and VID transitions (dur-
ing VID transitions the SS current is nominally +/- 120μA.
During sleep transitions the SS current increases to +/-
240μA); 3) during start-up, the SS current is normally +/-
6.5μA.
We will be doing three soft-start exercises based on the
above three conditions for SC453 application:
Step 8: Calculate Input RMS Current
In order to calculate the worst-case input RMS current, we
need to assume the efficiency at V
IN_MIN and full load. From
the measurement result, we are safe to assume 80%,
(this number is very conservative, actual efficiency should
be much higher). The actual converter efficiency depends
on component selection, layout, airflow, etc.
POUT IMAX_FL VMAX_FL
⋅
:=
POUT 23.64 W
=
PIN
POUT
85%
:=
IIN_DC
PIN
VINMIN
:=
D
VMAX_FL
VINMIN
:=
IIN_DC 3.476 A
=
IRMS
IMAX_FL
() IIN_DC
−
⎡⎣
⎤
2
D
⋅
IIN_DC
2
1D
−
()
⋅
⎡
⎣
⎤
+
:=
IRMS 7.116 A
=
CI_RMS 2A
:=
10μF@25V, MLCC cap from Panasonic is rated 2A RMS.
CI_NUM ceil
IRMS
CI_RMS
⎛
⎜
⎝
⎞
⎠
:=
CI_NUM 4
=
The calculation indicates four of these MLCC caps satisfy
the worst-case RMS current requirement.
Input Capacitance Calculation:
(based on ripple voltage)
dVin is the allowable input ripple voltage contributed by
the amount of input capacitance. For this exercise, we
use 250mV as the allowable input ripple voltage. The
maximum value occurs at D = 0.5
Applications Information (Cont.)
dVin
250mV
:=
DMAX 0.5
:=
Tin
1
FS
:=
CIN_MIN
IPEAK
2
DMAX DMAX
2
−
⎛
⎝
⎞
⋅
Tin
dVin
⋅
:=
CIN_MIN 3.341 10
5
−
×
F
=
CIN 10μF
:=
NIN_MIN_RIPPLE
ceil
CIN_MIN
CIN
⎛
⎜
⎝
⎞
⎠
:=
NIN_MIN_RIPPLE 4
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com