Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC453EVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC453EVB
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453EVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC453EVB Datasheet HTML 15Page - Semtech Corporation SC453EVB Datasheet HTML 16Page - Semtech Corporation SC453EVB Datasheet HTML 17Page - Semtech Corporation SC453EVB Datasheet HTML 18Page - Semtech Corporation SC453EVB Datasheet HTML 19Page - Semtech Corporation SC453EVB Datasheet HTML 20Page - Semtech Corporation SC453EVB Datasheet HTML 21Page - Semtech Corporation SC453EVB Datasheet HTML 22Page - Semtech Corporation SC453EVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Applications Information (Cont.)
To calculate the maximum DC value of current we must
add the maximum DC current and the maximum ripple
value to obtain peak current:
S.
It is recommended that the current limit be set at 120%
of the peak value to allow for inductor current overshoot
during load transients:
T.
The Current Limit Comparator internal to the SC453 moni-
tors the output current and turns the high side switch off
when the current exceeds the upper current limit thresh-
old, I
CLMAX and re-enables only if the load current drops be-
low the lower current limit threshold, I
CLMIN. The current is
sensed by monitoring the voltage drop across the current
sense resistor R
CS.
Current limiting will cycle from I
CLMAX to ICLMIN for 32 switch-
ing cycles to allow for short term transients, then the con-
verter is latched off. I
CLMAX and ICLMIN are set according to
the following equations:
U.
We set the current limit at I
CLIM = ICLMAX, and then solve
for R
CL, which is R6 in the typical applications circuit. For
balance, R8, in series with the CLRF pin is kept the same
value as R6.
V.
RCL
ICLIM RHYS
⋅
RCS
⋅
2.5 VREF
⋅
:=
RCL 673.59 Ω
=
R6 681Ω
:=
R8 R6
:=
R8 681 Ω
=
Step 7: Small Capacitors/Resistor Selection
Several small capacitors are required for signal filtering.
Use SMT ceramic capacitors with an X7R or better tem-
perature coefficient. COG is preferred.
C11, which filters the output voltage feedback, is sized to
provide filtering beyond the 5th harmonic of the funda-
mental.
C11
1
2
Π
⋅ R7
⋅
FS
⋅
5
⋅
:=
W.
C11
9.095
10
11
−
×
F
=
In the evaluation board design, we use 100pF, 603, X7R
ceramic caps for C11. The DAC output requires a 1nF,
X7R or COG capacitor (C23) for high frequency noise fil-
tering. The values for C12 and C13 are calculated in a
similar manner, though they are returned to the CORE pin
because that is the reference point for the current limit
comparator.
X.
C12
1
2
Π
⋅ R6
⋅
FS
⋅
5
⋅
:=
C13 C12
:=
C12 1.335 10
10
−
×
F
=
C13 1.335 10
10
−
×
F
=
IPEAK 23.389 A
=
IPEAK
IMAX_FL
IRIPPLE_MAX
2
+
:=
ICLIM 120% IPEAK
⋅
:=
ICLIM 28.066 A
=
ICLMAX 3VREF
⋅
RCL
RHYS RCS
⋅
⋅
:=
ICLMIN 2VREF
⋅
RCL
RHYS RCS
⋅
⋅
:=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com