Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC905AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC905AEVB
Description  CDMA Cellular Phone Power Management IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC905AEVB Datasheet HTML 11Page - Semtech Corporation SC905AEVB Datasheet HTML 12Page - Semtech Corporation SC905AEVB Datasheet HTML 13Page - Semtech Corporation SC905AEVB Datasheet HTML 14Page - Semtech Corporation SC905AEVB Datasheet HTML 15Page - Semtech Corporation SC905AEVB Datasheet HTML 16Page - Semtech Corporation SC905AEVB Datasheet HTML 17Page - Semtech Corporation SC905AEVB Datasheet HTML 18Page - Semtech Corporation SC905AEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905A
TABLE B - Output Voltage Code Bits for VPAD, VMOT and VCAM
X4
X3
X2
X1
X0
LDO Output
Voltage
0
0
0
0
0
1.75V
0
0
0
0
1
1.80V
0
0
0
1
0
1.85V
0
0
0
1
1
1.90V
0
0
1
0
0
1.95V
0
0
1
0
1
2.00V
0
0
1
1
0
2.05V
0
0
1
1
1
2.10V
0
1
0
0
0
2.15V
0
1
0
0
1
2.20V
0
1
0
1
0
2.25V
0
1
0
1
1
2.30V
0
1
1
0
0
2.35V
0
1
1
0
1
2.40V
0
1
1
1
0
2.45V
0
1
1
1
1
2.50V
1
0
0
0
0
2.55V
1
0
0
0
1
2.60V
1
0
0
1
0
2.65V
1
0
0
1
1
2.70V
1
0
1
0
0
2.75V
1
0
1
0
1
2.80V
1
0
1
1
0
2.85V
1
0
1
1
1
2.90V
1
1
0
0
0
2.95V
1
1
0
0
1
3.00V
1
1
0
1
0
3.05V
1
1
0
1
1
3.10V
1
1
1
0
0
3.15V
1
1
1
0
1
3.20V
1
1
1
1
0
3.25V
1
1
1
1
1
3.30V
Register Map (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com