Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T201V Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T201V
Description  5.0 or 3.3V TIMEKEEPER짰 supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 17Page - STMicroelectronics M48T201V Datasheet HTML 18Page - STMicroelectronics M48T201V Datasheet HTML 19Page - STMicroelectronics M48T201V Datasheet HTML 20Page - STMicroelectronics M48T201V Datasheet HTML 21Page - STMicroelectronics M48T201V Datasheet HTML 22Page - STMicroelectronics M48T201V Datasheet HTML 23Page - STMicroelectronics M48T201V Datasheet HTML 24Page - STMicroelectronics M48T201V Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
M48T201Y, M48T201V
Clock operation
21/35
3.8
Power-on reset
The M48T201Y/V continuously monitors VCC. When VCC falls to the power fail detect trip
point, the RST pulls low (open drain) and remains low on power-up for tREC after VCC
passes VPFD (max). The RST pin is an open drain output and an appropriate pull-up resistor
to VCC should be chosen to control rise time.
3.9
Reset inputs (RSTIN1 & RSTIN2)
The M48T201Y/V provides two independent inputs which can generate an output reset. The
duration and function of these resets is identical to a reset generated by a power cycle.
Figure 9 and Table 8 illustrate the AC reset characteristics of this function. Pulses shorter
than tR1 and tR2 will not generate a reset condition. RSTIN1 and RSTIN2 are each internally
pulled up to VCC through a 100KΩ resistor.
Figure 9.
RSTIN1 and RSTIN2 timing waveforms
Table 8.
Reset AC characteristics
3.10
Calibrating the clock
The M48T201Y/V is driven by a quartz controlled oscillator with a nominal frequency of
32,768Hz. The devices are factory calibrated at 25°C and tested for accuracy. Clock
accuracy will not exceed ±35 ppm (parts per million) oscillator frequency error at 25°C,
which equates to about ±1.53 minutes per month. When the Calibration circuit is properly
employed, accuracy improves to better than +1/–2 ppm at 25°C.
Symbol
Parameter(1)
1.
Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where
noted).
Min
Max
Unit
tR1
RSTIN1 Low to RST Low
50
200
ns
tR2
RSTIN2 Low to RST Low
20
100
ms
tR1HRZ
(2)
2.
CL = 5pF (see Figure 13 on page 27).
RSTIN1 High to RST Hi-Z
40
200
ms
tR2HRZ
(2)
RSTIN2 High to RST Hi-Z
40
200
ms
AI01679
RSTIN1
RST
RSTIN2
tR1
tR1HRZ
Hi-Z
tR2
tR2HRZ
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com