Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K96E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82K96E
Description  USB Multimedia Keyboard Encoder 8-Bit OTP MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K96E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82K96E_07 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K96E_07 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
HT82K96E
Rev. 2.00
21
October 11, 2007
SIES. Register (for version C or later version) is used to indicate the present signal state which the SIE receives and
also defines whether the SIE has to change the device address automatically.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Func.
Reserved bit
F0_ERR
Adr_set
R/W
R/W
R/W
Reg_Adr
01000101B
Note: Bit7 must be
²0²
Func. Name
R/W
Description
R/W
This bit is used to configure the SIE to automatically change the device address with
the value of the Address+Remote_WakeUp Register (42H).
When this bit is set to
²1² by F/W, the SIE will update the device address with the value
of the Address+Remote_WakeUp Register (42H) after the PC Host has successfully
read the data from the device by the IN operation. The SIE will clear the bit after updat-
ing the device address. Otherwise, when this bit is cleared to
²0², the SIE will update
the device address immediately after an address is written to the Address+Re-
mote_WakeUp Register (42H)
Default 0
F0_Err
R/W
This bit is used to indicate that some errors have occurred when accessing the FIFO0.
This bit is set by SIE and cleared by F/W.
Default 0
SIES (45H) Register Table
MISC register combines a command and status to control desired endpoint FIFO action and to show the status of
wanted endpoint FIFO. The MISC will be cleared by USB reset signal.
Bit No.
Label
R/W
Function
0
REQ
R/W
After setting other status of desired one in the MISC, endpoint FIFO can be requested
by setting this bit to
²1². After job has been done, this bit has to be cleared to ²0²
1
TX
R/W
This bit defines the direction of data transferring between MCU and endpoint FIFO.
When the TX is set to
²1², this means that MCU wants to write data to endpoint FIFO.
After the job has been done, this bit has to be cleared to
²0² before terminating re-
quest to represent end of transferring. For reading action, this bit has to be cleared to
²0² to represent that MCU wants to read data from endpoint FIFO and has to be set to
²1² after the job done.
2
CLEAR
R/W Clear the requested endpoint FIFO, even the endpoint FIFO is not ready.
4
3
SELP1
SELP0
R/W
To define which endpoint FIFO is selected, SELP1,SELP0:
00: endpoint FIFO0
01: endpoint FIFO1
10: endpoint FIFO2
11: endpoint FIFO3
5
SCMD
R/W
It is used to show that the data in endpoint FIFO is SETUP command. This bit has to
be cleared by firmware. That is to say, even the MCU is busing, the device will not
miss any SETUP commands from host.
6
READY
R
Read only status bit, this bit is used to indicate that the desired endpoint FIFO is ready
to work.
7
LEN0
R/W
It is used to indicate that a 0-sized packet is sent from host to MCU. This bit should be
cleared by firmware.
MISC (46H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com