| Electronic Components Datasheet Search |
|
HT82K96E Datasheet(PDF) 20 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K96E Datasheet(HTML) 20 Page - Holtek Semiconductor Inc |
|
20 / 44 page ![]() HT82K96E Rev. 2.00 20 October 11, 2007 The following is A/D converter timing diagrams USB Interface and A/D Converter There are 7 registers, including AWR (address + remote wake up; 42H in bank 1), STALL (43H in bank 1), PIPE (44H in bank 1), MISC (46H in bank 1), FIFO0 (48H in bank 1), FIFO1 (49H in bank 1), FIFO2 (4AH in bank 1) and FIFO3 (4BH in bank 1) used for the USB function. AWR register contains current address and a remote wake up function control bit. The initial value of AWR is ²00H². The address value extracted from the USB command has not to be loaded into this register until the SETUP stage being finished. Bit No. Label R/W Function 0 WKEN W Remote wake-up enable/disable 7~1 AD6~AD0 W USB device address AWR (42H) Register PIPE register represents whether the corresponding endpoint is accessed by host or not. This register is set only after the time when host accesses the corresponding endpoint. Only the last accessed endpoint is shown in this register. STALL register shows whether the corresponding endpoint works properly or not. As soon as the endpoint works im- properly, the related bit in the STALL has to be set to ²1². The STALL will be cleared by USB reset signal. Bit No. Label R/W Function 0 STL0 W Stall the endpoint 0 1 STL1 W Stall the endpoint 1 2 STL2 W Stall the endpoint 2 3 STL3 W Stall the endpoint 3 7~4 ¾ W Unused bit, read as ²0² STALL (43H) Register Bit No. Label R/W Function 0 EP0RW R Endpoint 0 accessed 1 EP1RW R Endpoint 1 accessed 2 EP2RW R Endpoint 2 accessed 3 EP3RW R Endpoint 3 accessed 7~4 ¾ R Unused bit, read as ²0² PIPE (44H) Register T 1 N o r m a l M o d e A / D C o n v e r s i o n S t a r t s A / D C o n v e r s i o n S t a r t s A / D C o n v e r s i o n A / D C o n v e r s i o n T i m e A / D C o n v e r s i o n F i n i s h e d P o w e r _ d o w n A / D C o n v e r s i o n F i n i s h e d 0 o r 1 0 o r 1 A / D C o n v e r s i o n A / D C o n v e r s i o n T i m e 0 o r 1 0 o r 1 A D O N S T A R T D 7 D 0 E O C B 0 0 0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |