Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M9BEE Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M9BEE
Description  USB Mouse Encoder 8-Bit MCU with EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9BEE Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M9BEE Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M9BEE Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Pin Description
Pin Name
I/O
ROM Code
Option
Description
PA0~PA7
I/O
Pull-high
Pull-low
Wake-up
CMOS/NMOS/PMOS
Bidirectional 8-bit input/output port. Each bit can be configured as a
wake-up input by ROM code option. The input or output mode is con-
trolled by PAC (PA control register).
Pull-high resistor options: PA0~PA7
Pull-low resistor options: PA0~PA3
CMOS/NMOS/PMOS options: PA0~PA7
Falling edge wake-up options: PA0~PA1, PA4~PA7
Rising and falling edge wake-up options: PA2~PA3
PB0~PB3
PB4/SDA
PB5~PB6
PB7/SCL
I/O
Pull-high
Pull-low
Wake-up
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined
by pull-high options).
PB4 is wire-bonded with the SDA pad of the Data EEPROM.
PB7 is wire-bonded with the SCL pad of the Data EEPROM.
Pull-high resistor options: PB0~PB7
Pull-low resistor for options: PB2, PB3
Falling edge wake-up options: PB4/SDA, PB7/SCL
PC0~PC3
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined
by pull-high options).
Pull-high resistor options: PC0~PC3
VSS
¾¾
Negative power supply, ground
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
V33O
O
¾
3.3V regulator output
USBD+/CLK
I/O
¾
USBD+ or PS2 CLK I/O line
USB or PS2 function is controlled by software control register
USBD-/DATA
I/O
¾
USBD- or PS2 DATA I/O line
USB or PS2 function is controlled by software control register
OSCI
OSCO
I
O
¾
OSCI, OSCO are connected to a 6MHz or 12MHz crystal/resonator (de-
termined by software instructions) for the internal system clock.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...............................0
°Cto70°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT82M9BEE/HT82M9BAE
Rev. 1.20
3
August 13, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com