Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC488MLTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC488MLTRT
Description  Complete DDR1/2/3 Memory Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC488MLTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC488MLTRT Datasheet HTML 3Page - Semtech Corporation SC488MLTRT Datasheet HTML 4Page - Semtech Corporation SC488MLTRT Datasheet HTML 5Page - Semtech Corporation SC488MLTRT Datasheet HTML 6Page - Semtech Corporation SC488MLTRT Datasheet HTML 7Page - Semtech Corporation SC488MLTRT Datasheet HTML 8Page - Semtech Corporation SC488MLTRT Datasheet HTML 9Page - Semtech Corporation SC488MLTRT Datasheet HTML 10Page - Semtech Corporation SC488MLTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
SC488
POWER MANAGEMENT
14,15
VDDP
+5V supply voltage input for the VDDQ gate drivers.
16
ILIM
Current limit input pin. Connect to drain of low-side MOSFET for RDS(on) sensing or the source
for resistor sensing through a threshold sensing resistor.
17,18
PGND1
Power ground for VDDQ switching circuits. Connect to thermal pad and ground plane.
19
DL
Gate drive output for the low side MOSFET switch.
20
LX
Phase node - the junction between the top and bottom FETs and the output inductor.
21
DH
Gate drive output for the high side MOSFET switch.
22
BST
Boost capacitor connection for the high side gate drive.
23
VTTIN
Input supply for the high side switch for VTT regulator. Decouple with a 1μF capacitor to
PGND2.
24
VTT
Output of the linear regulator. Decouple with two (minimum) 10μF ceramic capacitors to
PGND2, locating them directly across pins 24 and 1.
T
THERMAL
PAD
Pad for heatsinking purposes. Connect to ground plane using multiple vias. Not connected
internally.
Enable Pin Status
Output Status
EN/PSV (1)
VTTEN
VDDQ(3)
VTT(2)
REF(2)
00
OFF, Discharged
(2)(3)
OFF, Discharged
(2)
OFF, Discharged
(2)
01
OFF, Discharged
(2)(3)
OFF, Discharged
(2)
OFF, Discharged
(2)
1
0
ON
OFF, High Impedance
ON
1
1
ON
ON
ON
Notes:
1) EN/PSV = 1 = EN/PSV high or floating.
2) Typical discharge resistances: VTT = 0.32Ω. REF = 8Ω.
3) VDDQ is discharged via external series resistance which must be added to SC488 internal discharge resistance to calculate discharge times.
This is separate from any external load on VDDQ.
Enable Control Logic
The FB pin can be configured for fixed or adjustable output voltage as shown.
FB Configuration Table
FB
VDDQ(V)
VREF & VTT (V)
Note
GND
2.5
VDDQS/2
DDR1
VCCA
1.8
VDDQS/2
DDR2
FB Resistors
Adjustable
VDDQS/2
1.5V < VDDQ < 3.0V
Pin Description (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com