Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDV3V0-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDV3V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDV3V0-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDV3V0-HF Datasheet HTML 1Page - Comchip Technology CPDV3V0-HF Datasheet HTML 2Page - Comchip Technology CPDV3V0-HF Datasheet HTML 3Page - Comchip Technology CPDV3V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
CPDV5V0-HF
CPDV8V0-HF
CPDV12V0-HF
CPDV15V0-HF
CPDV24V0-HF
CPDV3V0-HF
VRWM(V)
Max
VB@1mA(V)
Min
VC@1A(V)
Max
IPP(A)
Max
IPP(A)
Max
VC@IPP(V)
VC@IPP(V)
IR(µA)
Max
CT(pF)
Typ
3
5
8
12
15
24
4.0
6.0
8.5
13.3
16.7
26.7
7.0
9.8
13.4
19.0
24.0
43.0
13.9
18.3
18.5
24.0
29.0
45.0
8
8
8
6
5
3
20.0
20.0
24.0
28.6
31.8
56.0
20
18
18
12
10
6
5
1
1
1
1
1
0.8
0.8
0.8
0.8
0.8
0.8
Rating and Characteristic Curves (CPDV3V0-HF Thru. CPDV24V0-HF)
Fig.3 - Power Derating Curve
Ambient Temperature, Ta (°C)
Fig.4 - Junction Capacitance vs.
Reverse Voltage
Voltage, VR (V)
-25
-20
-15
-10
5
0
0
0.4
1.2
2
0
20
60
120
25
50
75
100
150
0.8
1.6
40
80
-5
125
100
0.2
1.0
1.8
0.6
1.4
0
Fig.1 - Pulse Waveform
Time, (µs)
Fig.2 - Non-Repetitive Peak Pulse Power
vs. Pulse Time
Pulse Duration, tp (µs)
0.1
1000
10
0
10
0.01
0.1
1
0
80
100
110
5
30
10
20
25
60
20
Waveform
parameters
tr=8µs
td=20µs
1
100
70
50
10
40
30
90
15
Waveform
parameters
tr=8µs
td=20µs
td = IPP/2
SMD ESD Protection Diode
Page 2
REV:A
SP-JP002
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Part No.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com