Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2603 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2603
Description  Simple PWM Boost Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2603 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2603 Datasheet HTML 3Page - Semtech Corporation SC2603 Datasheet HTML 4Page - Semtech Corporation SC2603 Datasheet HTML 5Page - Semtech Corporation SC2603 Datasheet HTML 6Page - Semtech Corporation SC2603 Datasheet HTML 7Page - Semtech Corporation SC2603 Datasheet HTML 8Page - Semtech Corporation SC2603 Datasheet HTML 9Page - Semtech Corporation SC2603 Datasheet HTML 10Page - Semtech Corporation SC2603 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
© 2005 Semtech Corp.
www.semtech.com
SC2603
POWER MANAGEMENT
Applications Circuit
12V to 25V @ 1A boost converter
R2
34K
R4
1.78K
L1
18uH
Q1
AO4442
D1
3A, 40V
C2
330u/35V
C1
470u
R5
1K
VIN = 12V
VOUT=25V
U2
SC2603
VIN
5
EN/SS
3
FB
1
GND
2
CS
6
Gate
4
C11
1u
R1
2.2
C4
0.1u
Enable
C3
1u
R6
20m
C5
120p
(open drain)
R2
34K
R4
1.78K
L1
18uH
Q1
AO4442
D1
3A, 40V
C2
330u/35V
C1
470u
R5
1K
VIN = 12V
VOUT=25V
U2
SC2603
VIN
5
EN/SS
3
FB
1
GND
2
CS
6
Gate
4
C11
1u
R1
2.2
C4
0.1u
Enable
C3
1u
R6
20m
C5
120p
(open drain)
Bill of Material
Open Drain with < 100
pull down impedance
SEMTECH
SOT23-6
SC2603
U1
1
16
20m
R6
1
15
603
1K
R5
1
14
603
1.78K
R4
1
13
603
0
R3
1
12
603
34K
R2
1
11
603
2.2
R1
1
10
Alpha & Omega
AO4442
Q1
1
9
COOPER
18uH
L1
1
8
1N5819
D1
1
7
805
1u
C11
1
6
603
120p
C5
1
5
603
0.1u
C4
1
4
603
1uF
C3
1
3
SANYO
330u/Alum
C2
1
2
SANYO
470u/Alum
C1
1
1
Vendor
footprint
Part
Reference
Quantity
Item
SEMTECH
SOT23-6
SC2603
U1
1
16
20m
R6
1
15
603
1K
R5
1
14
603
1.78K
R4
1
13
603
0
R3
1
12
603
34K
R2
1
11
603
2.2
R1
1
10
Alpha & Omega
AO4442
Q1
1
9
COOPER
18uH
L1
1
8
1N5819
D1
1
7
805
1u
C11
1
6
603
120p
C5
1
5
603
0.1u
C4
1
4
603
1uF
C3
1
3
SANYO
330u/Alum
C2
1
2
SANYO
470u/Alum
C1
1
1
Vendor
footprint
Part
Reference
Quantity
Item



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com