Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2603EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2603EVB
Description  Simple PWM Boost Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2603EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC2603EVB Datasheet HTML 1Page - Semtech Corporation SC2603EVB Datasheet HTML 2Page - Semtech Corporation SC2603EVB Datasheet HTML 3Page - Semtech Corporation SC2603EVB Datasheet HTML 4Page - Semtech Corporation SC2603EVB Datasheet HTML 5Page - Semtech Corporation SC2603EVB Datasheet HTML 6Page - Semtech Corporation SC2603EVB Datasheet HTML 7Page - Semtech Corporation SC2603EVB Datasheet HTML 8Page - Semtech Corporation SC2603EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
© 2005 Semtech Corp.
www.semtech.com
SC2603
POWER MANAGEMENT
Application Information
Soft-Start
Soft-start prevents a DC-DC converter from drawing
excessive current from the power source during start up.
If the soft-start time is made sufficiently long, then the
output will enter regulation without overshoot. An external
capacitor is connected from the EN/SS pin to the ground.
After the part’s input voltage surpasses the UVLO, the
EN/SS pin is allowed to charge its capacitor with 60µA.
When 100mV is reached at the EN/SS pin, the internal
comp node is at 0.4V. The SC2603 will start switching,
and the converter output comes into regulation. Because
the FB pin voltage follows EN/SS pin voltage, finally, the
EN/SS pin voltage will be clamped at 1.25V same as the
refernece voltage.
Setting the Output Voltage
An external resistive divider R
1 and R2 with its center
tap tied to the FB pin sets the output voltage.
−
=
1
25
.
1
2
1
OUT
V
R
R
Under Voltage Lockout
The under voltage lockout circuit of the SC2603 assures
that the gate driver output remains in the off state when-
ever the supply voltage drops below set parameters. Lock-
out occurs if V
IN falls below 3.8V. Normal operation re-
sumes once V
IN rises above 4.2V.
Theory of Operation
The SC2603 is a versatile, low-cost, voltage-mode PWM
controller designed for DC/DC power supply applications.
In normal condition, the SC2603 operats at a fixed
200KHz. One exception is that when the FB pin voltage
drops to one half, the frequency will be shifted to one
fouth of 200KHz.
SC2603 features include a temperature compensated
voltage reference, triangle wave oscillator, current limit
comparator, frequency shift over-current protection, and
an internally compensated error amplifier. Pulse by pulse
current limiting is implemented by sensing the
differential voltage across an external resistor, or an
appropriately sized PC board trace.
VOUT
R2
R1
FB
1
SC2603



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com