Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83R074 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT83R074
Description  Q-Voice
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83R074 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT83R074 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83R074 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Pad Coordinates
Pad No.
X
Y
Pad No.
X
Y
1
-1070.900
-1459.100
13
-328.550
-2039.750
2
-1070.900
-1554.100
14
-109.963
-2052.049
3
-1070.900
-1657.100
15
-19.960
-2052.049
4
-1070.900
-1752.100
16
70.043
-2052.049
5
-1070.900
-1855.100
17
794.300
-2045.900
6
-1070.900
-1950.100
18
889.300
-2045.900
7
-1070.900
-2053.100
19
1044.974
-2089.750
8
-869.350
-2045.900
20
1062.200
-1994.724
9
-766.350
-2045.900
21
1048.625
-1899.700
10
-671.350
-2045.900
22
1035.400
-1792.026
11
-568.350
-2045.900
23
1035.400
-1661.176
12
-473.350
-2045.900
24
1035.400
-1450.676
Pad Description
Pad Name
I/O
Option
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bidirectional 8-bit I/O port. Each pin can be configured as a wake-up input by
configuration option. Software instructions determine the CMOS output or
Schmitt trigger input with or without pull-high resistor (configuration option).
PB0~PB3
I/O
Pull-high
or None
Bidirectional 4-bit I/O port. Software instructions determine the CMOS output or
Schmitt trigger input (pull-high resistor depending on configuration option).
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
VSSP
¾¾
PWM negative power supply, ground
VDDP
¾¾
PWM positive power supply
RES
I
¾
Schmitt trigger reset input, active low
OSC1,
OSC2
¾
RC or
Crystal
OSC1 and OSC2 are connected to an RC network or crystal (by configuration
option) for the internal system clock. In the case of RC operation, OSC2 is the
output terminal for 1/4 system clock. The system clock may came form the crys-
tal, the two pins cannot be floating.
PWM1,
PWM2
O
¾
PWM output for driving a external transistor or speaker.
Absolute Maximum Ratings
Supply Voltage ..........................VSS+2.4V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT83R074
Rev. 1.00
4
May 17, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com