Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4520SETRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4520SETRT
Description  3A Step-Down Switching Regulator with Adjustable Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4520SETRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4520SETRT Datasheet HTML 2Page - Semtech Corporation SC4520SETRT Datasheet HTML 3Page - Semtech Corporation SC4520SETRT Datasheet HTML 4Page - Semtech Corporation SC4520SETRT Datasheet HTML 5Page - Semtech Corporation SC4520SETRT Datasheet HTML 6Page - Semtech Corporation SC4520SETRT Datasheet HTML 7Page - Semtech Corporation SC4520SETRT Datasheet HTML 8Page - Semtech Corporation SC4520SETRT Datasheet HTML 9Page - Semtech Corporation SC4520SETRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4520
Application Information
The SC4520 is a current mode buck converter regulator.
SC4520 has an internal fixed-frequency clock. The
SC4520 uses two feedback loops that control the duty
cycle of the internal power switch. The error amplifier
functions like that of the voltage mode converter. The
output of the error amplifier works as a switch current
reference. This technique effectively removes one of the
double poles in the voltage mode system. With this, it is
much simpler to compensate a current mode converter
to have better performance. The current sense amplifier
in the SC4520 monitors the switch current during each
cycle. Overcurrent protection (OCP) is triggered when the
current limit exceeds the upper limit of 3A, detected by a
voltage on COMP greater than about 2V. When an OCP
fault is detected, the switch is turned off and the external
COMP capacitor is discharged at the rate of dv/dt = 3µA/
C
comp.
Once the COMP voltage has fallen below 250mV,
the part enters a normal startup cycle. C
comp is the total
capacitance value attached to COMP. In the case of
sustained overcurrent or dead-short, the part will
continually cycle through the retry sequence as described
above, at a rate dependent on the value of Ccomp. During
start up, the voltage on COMP rises roughly at the rate of
dv/dt = 120µA/C
comp.
Therefore, the retry time for a
sustained overcurrent can be approximately calculated
as:
uA
3
V
2
C
120uA
2V
C
T
comp
comp
retry
•
+
•
=
Figure 1 shows the voltage on COMP during a sustained
overcurrent condition.
Figure 1. Voltage on COMP for Startup and OCP
Enable
Pulling and holding the EN pin below 0.4V activates the
shut down mode of the SC4520 which reduces the input
supply current to less than 150µA. During the shut down
mode, the switch is turned off. The SC4520 is turned on
if the EN pin is pulled high.
Oscillator
The external resistor connected to the FSET pin sets the
PWM frequency from 100kHz to 600kHz.
Frequency vs ROSC
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
Rosc - kOhm
UVLO
When the EN pin is pulled and held above 1.8V, the voltage
on Pin IN determines the operation of the SC4520. As
V
IN increases during power up, the internal circuit senses
V
IN and keeps the power transistor off until VIN reaches
4.4V.
Load Current
The peak current I
PEAK in the switch is internally limited.
For a specific application, the allowed load current I
OMAX
will change if the input voltage drifts away from the original
design as given for continuous current mode:
s
O
OMAX
f
L
2
)
D
1
(
V
3
I
⋅
⋅
−
⋅
−
=
Where:
f
S = switching frequency,
V
O= output voltage and
D = duty ratio, V
O / VIN
V
IN= input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com