Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4505 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4505
Description  High Efficiency Boost Converter for Backlight/Flash LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4505 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4505 Datasheet HTML 1Page - Semtech Corporation SC4505 Datasheet HTML 2Page - Semtech Corporation SC4505 Datasheet HTML 3Page - Semtech Corporation SC4505 Datasheet HTML 4Page - Semtech Corporation SC4505 Datasheet HTML 5Page - Semtech Corporation SC4505 Datasheet HTML 6Page - Semtech Corporation SC4505 Datasheet HTML 7Page - Semtech Corporation SC4505 Datasheet HTML 8Page - Semtech Corporation SC4505 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC4505
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Unless specified: V
IN = 3.6V, -40°C < TA = TJ < 85°C, RO1SET=6.98KΩ, RO2SET=1.54KΩ
Note 1: Guaranteed by Design
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
L
B
_
N
E
,
B
R
T
_
L
F
,
L
F
_
N
E
t
n
e
r
r
u
C
t
u
p
n
I
V
L
F
_
N
E
V
7
.
4
o
t
V
0
=1
0
.
01
A
µ
g
n
i
m
m
i
D
M
W
P
L
B
_
N
E
y
c
n
e
u
q
e
r
F
l
o
r
t
n
o
C
1
e
t
o
N0
5K
0
5z
H
g
n
i
m
m
i
D
M
W
P
L
B
_
N
E
e
l
c
y
C
y
t
u
D
l
o
r
t
n
o
C
1
e
t
o
N0
0
0
1%
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
O
T
F1
=
B
R
T
_
L
F
=
L
F
_
N
E2
.
1A
µ
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
p
ir
T
O
T
F
5
2
.
1V
t
n
e
r
r
u
C
n
w
o
D
ll
u
P
O
T
F0
=
B
R
T
_
L
F
,
1
=
L
F
_
N
E6
.
2A
m
n
o
it
c
e
t
o
r
P
e
g
a
tl
o
v
r
e
v
O
8
2V
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
5
5
1C
°
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
1C
°
y
c
a
r
u
c
c
A
t
n
e
r
r
u
C
t
h
g
il
k
c
a
BI
(
1
O )
1
=
L
B
_
N
E
T
J
R
,
C
°
5
2
=
T
E
S
1
O
K
8
9
.
6
=
Ω
9
10
21
2A
m
I
(
t
n
e
r
r
u
C
t
h
g
il
k
c
a
B
x
a
M
1
O )5
7A
m
I
(
y
c
a
r
u
c
c
A
t
n
e
r
r
u
C
h
s
a
l
F
2
O )
1
=
B
R
T
_
L
F
=
L
F
_
N
E
T
J
R
,
C
°
5
2
=
T
E
S
2
O
K
4
5
.
1
=
Ω
2
90
0
18
0
1A
m
I
(
t
n
e
r
r
u
C
h
s
a
l
F
x
a
M
2
O )
5
2
1A
m
I
(
t
n
e
r
r
u
C
t
u
p
t
u
O
h
c
r
o
T
2
O )
0
=
B
R
T
_
L
F
,
1
=
L
F
_
N
E
T
J
R
,
C
°
5
2
=
T
E
S
2
O
K
4
5
.
1
=
Ω
8
1A
m
I
1
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
ff
OV
1
O
I
V
8
2
=1
.
01
A
µ
I
2
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
ff
OV
2
O
I
V
8
2
=1
.
01
A
µ
V
O
tl
u
a
F
e
g
a
tl
o
v
r
e
v
O
n
i
n
w
o
d
ll
u
P
7K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com