Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC412AEVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC412AEVB
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412AEVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC412AEVB Datasheet HTML 13Page - Semtech Corporation SC412AEVB Datasheet HTML 14Page - Semtech Corporation SC412AEVB Datasheet HTML 15Page - Semtech Corporation SC412AEVB Datasheet HTML 16Page - Semtech Corporation SC412AEVB Datasheet HTML 17Page - Semtech Corporation SC412AEVB Datasheet HTML 18Page - Semtech Corporation SC412AEVB Datasheet HTML 19Page - Semtech Corporation SC412AEVB Datasheet HTML 20Page - Semtech Corporation SC412AEVB Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Layout Guidelines (continued)
1) There should be a very small input loop between
the input capacitors, MOSFETs, inductor, and output
capacitors. Locate the input decoupling capacitors
directly at the MOSFETs.
2) The phase node should be a large copper pour, but still
compact since this is the noisiest node.
3) The power GND connection between the input capacitors,
low-side MOSFET, and output capacitors should be as
small as is practical, with wide traces or planes.
4) The impedance of the power GND connection between
the low-side MOSFET and the GND pin should be
minimized. This connection must carry the DL drive
current, which has high peaks at both rising and
falling edges. Use multiple layers and multiple vias to
minimize impedance, and keep the distance as short
as practical.
Finally, connecting the control and switcher power sections
should be accomplished as follows:
1) Route the VOUT feedback trace in a “quiet” layer, away
from noise sources.
2) Route DL, DH and LX (low side FET gate drive, high side
FET gate drive and phase node) to the chip using wide
traces, with multiple vias if using more than one layer.
These connections are to be as short as possible for
loop minimization, with a length to width ratio less than
20:1 to minimize impedance. DL is the most critical
gate drive, with power GND as its return path. LX is the
noisiest node in the circuit, switching between VBAT and
ground at high frequencies, thus should be kept as short
as practical. DH has LX as its return path. DL, DH, LX,
and BST are high-noise signals and should be kept well
away from sensitive signals, particularly FB and VOUT.
3) BST is also a noisy node and should be kept as short as
possible. The high-side DH driver is relies on the boost
capacitor to provide the DH drive current, so the boost
capacitor must be placed near the IC and connect to the
BST and LX pins using short, wide traces to minimize
impedance.
4) Connect the GND pin on the chip to the VCC decoupling
capacitor and then drop vias directly to the ground
plane.
Locate the current limit resistor RLIM at the chip with a
kelvin connection to the drain of the lower MOSFET at the
phase node, and minimize the copper area of the ILIM
trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com