Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC339 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC339
Description  Ultra Low Output Voltage Linear FET Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC339 Datasheet HTML 2Page - Semtech Corporation SC339 Datasheet HTML 3Page - Semtech Corporation SC339 Datasheet HTML 4Page - Semtech Corporation SC339 Datasheet HTML 5Page - Semtech Corporation SC339 Datasheet HTML 6Page - Semtech Corporation SC339 Datasheet HTML 7Page - Semtech Corporation SC339 Datasheet HTML 8Page - Semtech Corporation SC339 Datasheet HTML 9Page - Semtech Corporation SC339 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
© 2006 Semtech Corp.
www.semtech.com
SC339
PRELIMINARY
POWER MANAGEMENT
Applications Information
Theory Of Operation
The SC339 linear FET controller provides a simple
way to drive an N-channel MOSFET to produce tightly
regulated output voltages from an available,
higher, supply voltage. It takes its power from
the 5V system supply, drawing 130μA (typ) while
operating.
It contains an internal bandgap reference which is
compared to the output voltage via a resistor divider.
The resistor divider is external and user selectable. The
drive pin (DRV) can pull up to a guaranteed minimum of
4.7V. Thus, the device can be used to regulate a large
range of output voltages by careful selection of the
external MOSFETs (see Component Selection on this
page).
The SC339 includes an active high enable control (EN). If
this pin is pulled low, the drive pin is pulled low, turning
off the N-channel MOSFET. If the pin is pulled up to 2.8V
≤ V
EN ≤ VIN, the drive pin is enabled. This pin should not
be allowed to float.
The SC339 has a power good output (PGD) which is an
open drain output that pulls low if the related output is
below the power good threshold (-12% of the programmed
output voltage typical). The power good circuitry is active
if the device is enabled, regardless of the state of the
over-current latch.
Anover-currentprotectioncircuitmonitorstheoutputvoltage.
If the output voltage drops below 50% (typical) of nominal,
as would occur during an over-current or short condition, the
device will pull the drive pin low and latch off. Toggle the
power supply or enable pin to reset the latch condition.
Drive Output
The drive output is source and sink capable. The drivers
both source and sink 20mA of current typically at 5V IN.
Soft-Start and Power Good Timing
At start-up, the internal reference is switched from its
normal 0.5VDC to a 1ms (typical) linear ramp. The output
voltage tracks the ramp until 0.5V is reached. The PWRGD
signal is held low until the output has been in regulation
approximately 500μsec to allow the output voltage to
stabilize. The power-up is very smooth and monotonic.
OCP and Power Supply Sequencing
The SC339 has output under-voltage protection that
looks at the output to see if it is: a) less than 50% (typi-
cal) of its nominal value and, b) V
DRV for that output is
within 350mV (typical) of maximum. If both of these
criteria are met, there is a 1ms (typical) delay and
then the output is shut down. This provides inherent
immunity to UV shutdown at start-up (which may occur while
the output capacitors are being charged).
At start-up, it is necessary to ensure the power
supplies and enable are sequenced correctly to
avoid erroneous latch-off. For UV latch-off not to oc-
cur at start-up due to sequencing issues, the volt-
age supplied to the MOSFET drain should be greater
than the output under-voltage threshold when that
output is enabled. This assumes that the drop through the
pass MOSFET is negligible. If not, then this drop needs to
be taken into account also since:
V
OUT = VDRAIN - (IOUT x RDS(ON))
If the supply to the SC339 IN pin comes up before the
supply to the MOSFET drain, then that output should be
enabled after the supply to the MOSFET drain is applied
- the power good signal for this rail would be ideal. If the
power supply to the MOSFET drain comes up before the
power supply to the SC339 IN pin, then the output can either
be enabled with the supply to the IN pin or afterwards.
Please note the following example:
SC339 powered from 5V, the MOSFET (V
DRAIN) powered from
1.8V, set for 1.5V
OUT. Worst-case: under-voltage threshold is
60% (over temperature) of 1.5V, or 0.9V. The typical enable
threshold is ~2.4V, see Figure 1 on Page 7.
Component Selection
Output Capacitors: low ESR capacitors such as Sanyo
POSCAPs or Panasonic SP-caps are recommended for
bulk capacitance, with ceramic bypass capacitors for
decoupling high frequency transients. Ceramic output
capacitors may be used; however, use of ceramic output
capacitors requires compensation on the DRV output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com