Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

540-44-044-17-400 Datasheet(PDF) 2 Page - AG Electronica

Part # 540-44-044-17-400
Description  BASE PARA CI 44 PINES PLCC SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

540-44-044-17-400 Datasheet(HTML) 2 Page - AG Electronica

  540-44-044-17-400 Datasheet HTML 1Page - AG Electronica 540-44-044-17-400 Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A1
A2
C1
C2
E
H
ORDERINGINFORMATION
20
28
32
44
52
68
84
5.08
7.62
7.62
12.7
15.24
20.32
25.4
5.08
7.62
10.16
12.7
15.24
20.32
25.4
14.86
17.4
17.02
22.48
25.4
30.53
35.56
14.86
17.4
17.02
22.48
25.4
30.53
35.56
16.69
20.29
22.48
27.48
31.09
38.28
45.49
4.57
4.57
3.76
4.57
4.57
4.57
4.57
34
29
26
22
20
16
14
24
32
32
44
44
44
56
490
400
400
250
250
250
250
540-44-020-17-40X
540-44-028-17-40X
540-44-032-17-40X
540-44-044-17-40X
540-44-052-17-40X
540-44-068-17-40X
540-44-084-17-40X
http://www.agelectronica.com
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com/
BASE PARA CI 44 PINES PLCC SMD
No. Parte: 44PLCC-SM
Fecha:
28/01/2019
REALIZO: EAFP
REV:ECAM
ESCALA:
N/A
TOLERANCIA:
N/A
*RECTANGULAR
CÓDIGO DE PLATA
44=3.81 µm Sn
RoHS
2002/95/EC
X=0 TUBES
X=1 TAPE & REEL
http://www.agelectronica.com
http://www.agelectronica.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com