Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2542 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2542 Datasheet HTML 1Page - Semtech Corporation SC2542 Datasheet HTML 2Page - Semtech Corporation SC2542 Datasheet HTML 3Page - Semtech Corporation SC2542 Datasheet HTML 4Page - Semtech Corporation SC2542 Datasheet HTML 5Page - Semtech Corporation SC2542 Datasheet HTML 6Page - Semtech Corporation SC2542 Datasheet HTML 7Page - Semtech Corporation SC2542 Datasheet HTML 8Page - Semtech Corporation SC2542 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
www.semtech.com
SC2542
High Performance Wide Input Range
Dual Synchronous Buck Controller
POWER MANAGEMENT
Revision: August 24, 2005
Description
Features
Applications
Typical Application Circuit
Independent dual-switcher-outputs
Integrated 5V standby output with over 50mA
capability
Wide input voltage range: 6.5V ~ 28V
Adjustable output voltage down to 0.75V
Light load efficiency enhancement
Programmable skip mode operation
Flexible power sequencing with enable and power
good output
Synchronous buck topology with voltage mode
control
Out of phase operation to reduce cost of input
capacitor
10V internal regulator for gate driver to deliver high
efficiency
Programmable switching frequency:
100KHz ~ 300KHz
Full protection: UVLO, OVP, and programmable OCP
No need for current sense resistor
Low standby operating current (200µA typical)
Low shut down current (100nA typical)
28 lead TSSOP package with exposed die pad
(EDP)
Fully WEEE package and RoHS Compliant
SC2542 is a high performance dual PWM controller. It is
designed to convert a widely ranged battery rail down to
two independent output rails. The PWM operation of the
two channels are 180 degrees out of phase which can
greatly reduce the size and the cost of the input capaci-
tors. Synchronous buck PWM topology and voltage mode
control allow fast transient response and flexible com-
ponent selection for easy designs. A 5V standby regula-
tor is integrated. A 10V internal linear regulator provides
the bias for the controller, and this voltage is optimized
for gate drivers to deliver high efficiency.
The light load efficiency can be greatly improved by turn-
ing off the low side MOSFET upon reversal of inductor
current. There is no need for a current sensing resistor
because the MOSFET on resistance is used as the sens-
ing element. Under extreme light load conditions, the
device will operate in a pulse skip mode. The switching
frequency can be dropped significantly to a level pro-
grammed by external resistors. The battery energy is bet-
ter utilized with these efficiency enhancement schemes.
The power sequencing is fully supported including inde-
pendent start up and power good output. In shutdown
mode the controller only draws 100nA from the supply.
The controller also offers full protection features for the
conditions of under voltage, over voltage, and over cur-
rent. The switching frequency is adjustable from 100KHz
to 300KHz. TSSOP-28-EDP package is offered.
Notebook computer system power
Systems with 6.5V ~ 28V input
Network and telecom systems
Other portable devices
VCC
FB2
STBY MODE
FB1
FB1
VO1
ENABLE
PWGRD
VCC
5VSBY
VO2 (5V/10A)
VIN+
VIN+
VIN+
FB2
VO1 (3.3V/10A)
TH-PAD
SC2542
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
13
14
15
16
VIN
VCC
EN
STBY
FB1
ERROUT1
MINSET1
SS1
ILIM1
BST1
DRVH1
PHASE1
PHASE2
DRVH2
BST2
ILIM2
SS2
MINSET2
ERROUT2
FB2
PWRGD
ROSC
5VSBY
AGND
DRVL1
PGND
PVCC
DRVL2


Similar Part No. - SC2542

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SC2540 SHUNYE-SC2540 Datasheet
260Kb / 2P
25 AMP SOZA CELL
logo
Semtech Corporation
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545EVB SEMTECH-SC2545EVB Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545MLTRT SEMTECH-SC2545MLTRT Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
More results

Similar Description - SC2542

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
High Performance Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
Wide Input Range Dual Synchronous Buck Controller
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
Wide Input Range, Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com