Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESH1DMH Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ESH1DMH
Description  1A, 200V Ultra Fast Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ESH1DMH Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ESH1DMH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ESH1DMH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ESH1DMH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ESH1DMH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ESH1DMH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESH1DMH
Taiwan Semiconductor
3
Version: B2110
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Forward Current Derating Curve
Fig.2 Maximum Non-Repetitive Forward Surge Current
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.5 Reverse Recovery Time Characteristic and Test Circuit Diagram
0
1
2
25
50
75
100
125
150
0
5
10
15
20
1
10
100
8.3ms single half sine wave
0.0001
0.001
0.01
0.1
1
10
10 20 30 40 50 60 70 80 90 100
T
J=25°C
T
J=125°C
0.1
1
10
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
Pulse width 300μs
1% duty cycle
T
J=25°C
T
J=125°C
LEAD TEMPERATURE (°C)
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0.001
0.01
0.1
1
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Pulse width
T
J=25°C
T
J=125°C
UF1DLW
FORWARD VOLTAGE (V)
NUMBER OF CYCLES AT 60 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com