Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC198 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC198
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198 Datasheet(HTML) 5 Page - Semtech Corporation

  SC198 Datasheet HTML 1Page - Semtech Corporation SC198 Datasheet HTML 2Page - Semtech Corporation SC198 Datasheet HTML 3Page - Semtech Corporation SC198 Datasheet HTML 4Page - Semtech Corporation SC198 Datasheet HTML 5Page - Semtech Corporation SC198 Datasheet HTML 6Page - Semtech Corporation SC198 Datasheet HTML 7Page - Semtech Corporation SC198 Datasheet HTML 8Page - Semtech Corporation SC198 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Pin #
Pin Name
Pin Function
1
VINA
Input power supply voltage converter A
2
LXA
Connection point for the inductor on converter A
3
GNDA
Ground reference to converter A
4
VOUTA
Feedback control input for converter A
5
CTLA0
Voltage select control pin 0 for output A (see Table A — Output Voltage Options).(1)
6
CTLA1
Voltage select control pin 1 for output A (see Table A — Output Voltage Options). (1)
7
CTLA2
Voltage select control pin 2 for output A (see Table A — Output Voltage Options). (1)
8
GNDR
Ground for reference supply
9
CTLB2
Voltage select control pin 2 for output B (see Table A — Output Voltage Options). (1)
10
CTLB1
Voltage select control pin 1 for output B (see Table A — Output Voltage Options). (1)
11
CTLB0
Voltage select control pin 0 for output B (see Table A — Output Voltage Options). (1)
12
VOUTB
Feedback control input for converter B
13
GNDB
Ground reference for converter B
14
LXB
Connection point for the inductor on converter B
15
VINB
Input power supply voltage for converter B
16
ENB
Enable pin for output B
17
SYNC
Oscillator synchronization input - connect to VIN for forced PWM mode, ground for
power-save mode or connect to an external clock for frequency synchronization.
18
VINR
Reference supply input
19
NC
Not connected
20
ENA
Enable pin for output A
T
THERMAL PAD
Thermal pad for heatsinking purposes
— connect to ground plane using multiple
vias
— not connected internally
Pin Descriptions
Note:
(1) All CTL pins must be pulled high or low for proper operation.
5
© 2006 Semtech Corp.
www.semtech.com
SC198
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com