Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4524 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4524
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4524 Datasheet HTML 1Page - Semtech Corporation SC4524 Datasheet HTML 2Page - Semtech Corporation SC4524 Datasheet HTML 3Page - Semtech Corporation SC4524 Datasheet HTML 4Page - Semtech Corporation SC4524 Datasheet HTML 5Page - Semtech Corporation SC4524 Datasheet HTML 6Page - Semtech Corporation SC4524 Datasheet HTML 7Page - Semtech Corporation SC4524 Datasheet HTML 8Page - Semtech Corporation SC4524 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Unless specified: -40°C < T
A < 85°C, -40°C < TJ< 105°C, ROSC = 12.1kΩ, VIN = 5V, VBST = 8V
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
i
a
G
p
o
o
L
-
n
e
p
O
r
e
if
il
p
m
A
r
o
r
r
E
3
5B
d
t
n
e
r
r
u
C
e
c
r
u
o
S
P
M
O
CV
B
F
V
,
V
8
.
0
=
P
M
O
C
V
5
.
1
=0
2A
µ
t
n
e
r
r
u
C
k
n
i
S
P
M
O
CV
B
F
V
,
V
2
.
1
=
P
M
O
C
V
5
.
1
=0
2A
µ
n
i
a
G
t
n
e
r
r
u
C
h
c
ti
w
S
o
t
n
i
P
P
M
O
C
8V
/
A
d
l
o
h
s
e
r
h
T
g
n
i
h
c
ti
w
S
P
M
O
C
7
.
01
.
13
.
1V
e
g
a
tl
o
V
m
u
m
i
x
a
M
P
M
O
CV
B
F
V
9
.
0
=2
.
2V
y
c
n
e
u
q
e
r
F
g
n
i
h
c
ti
w
S
2
.
14
.
16
.
1z
H
M
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M)
2
e
t
o
N
(0
80
9%
ti
m
i
L
t
n
e
r
r
u
C
h
c
ti
w
S)
1
e
t
o
N
(3
.
22
.
3A
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
h
c
ti
w
SI
W
S
A
2
-
=3
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
h
c
ti
w
S
0
1A
µ
e
g
a
tl
o
V
T
S
B
m
u
m
i
n
i
MI
W
S
A
2
-
=8
.
15
.
2V
t
n
e
r
r
u
C
n
i
P
T
S
B
I
W
S
A
5
.
0
-
=0
2A
m
I
W
S
A
2
-
=0
6A
m
ti
x
E
o
t
e
g
a
tl
o
V
t
r
a
t
S
-
tf
o
S
m
u
m
i
n
i
M
n
w
o
d
t
u
h
S
2
.
04
.
07
.
0V
t
n
e
r
r
u
C
g
n
i
g
r
a
h
C
t
r
a
t
s
-
tf
o
S
V
S
S
V
0
=2
A
µ
V
S
S
V
5
.
1
=8
.
1A
µ
t
n
e
r
r
u
C
g
n
i
g
r
a
h
c
s
i
D
t
r
a
t
s
-
tf
o
SV
S
S
V
5
.
1
=8
.
0A
µ
o
t
e
g
a
tl
o
V
t
r
a
t
s
-
tf
o
S
m
u
m
i
n
i
M
ff
o
t
u
h
S
d
a
o
lr
e
v
O
e
l
b
a
n
E
V
S
S
g
n
i
s
i
R2
V
d
l
o
h
s
e
r
h
T
d
a
o
lr
e
v
O
B
FV
S
S
V
,
V
3
.
2
=
B
F
g
n
il
l
a
F7
.
0V
t
r
a
t
s
e
R
o
t
e
g
a
tl
o
V
t
r
a
t
s
-
tf
o
S
ff
o
t
u
h
S
d
a
o
lr
e
v
O
r
e
tf
A
g
n
i
h
c
ti
w
S
V
S
S
g
n
il
l
a
F7
.
01
3
.
1V
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
5
5
1C
°
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
1C
°
Notes: (1) Guaranteed by design, not tested in production.
(2) The maximum duty cycle specified corresponds to 1.4MHz switching frequency. Duty cycles higher than those specified can be
achieved by lowering the operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com