Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2620 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2620 Datasheet HTML 1Page - Semtech Corporation SC2620 Datasheet HTML 2Page - Semtech Corporation SC2620 Datasheet HTML 3Page - Semtech Corporation SC2620 Datasheet HTML 4Page - Semtech Corporation SC2620 Datasheet HTML 5Page - Semtech Corporation SC2620 Datasheet HTML 6Page - Semtech Corporation SC2620 Datasheet HTML 7Page - Semtech Corporation SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
n
IV
N
I
2
3
o
t
3
.
0
-V
n
i
P
t
s
o
o
BV
T
S
B
2
4V
W
S
e
v
o
b
A
n
i
P
t
s
o
o
BV
T
S
B
V
-
W
S
4
2V
e
g
a
tl
o
V
n
i
P
1
D
O
O
G
PV
1
D
O
O
G
P
V
N
I
V
s
n
i
P
S
SV
S
S
3V
s
n
i
P
B
FV
B
F
V
o
t
3
.
0
-
N
I
V
e
g
a
tl
o
V
W
S
V
W
S
V
o
t
6
.
0
-
N
I
V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
o
t
0
4
-C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
1
3W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
9
.
3W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
0
5
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
c
e
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
E)
1
e
t
o
N
(D
S
E0
0
5
1V
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
n
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
n
a
R
e
g
a
tl
o
V
t
u
p
n
I
8
.
20
3V
V
N
I
e
g
a
tl
o
V
t
r
a
t
S
5
4
.
22
6
.
28
7
.
2V
V
N
I
s
i
s
e
r
e
t
s
y
H
t
r
a
t
S
5
7V
m
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Qn
e
p
O
1
D
O
O
G
P
,
g
n
i
h
c
ti
w
s
t
o
N5
.
35
A
m
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SV
1
S
S
V
=
2
S
S
n
e
p
O
1
D
O
O
G
P
,
0
=0
40
6A
µ
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
0
8
9
.
00
0
0
.
10
2
0
.
1V
n
o
it
a
l
u
g
e
R
e
n
i
L
e
g
a
tl
o
V
k
c
a
b
d
e
e
FV
N
I
V
0
3
o
t
V
3
=5
0
0
.
0V
/
%
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
n
i
P
B
FV
B
F
V
,
V
1
=
P
M
O
C
V
5
.
1
=5
1
-0
3
-A
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
A
r
o
r
r
E
0
8
1-
n
i
a
G
p
o
o
l
-
n
e
p
O
r
e
if
il
p
m
A
r
o
r
r
E
3
5B
d
t
n
e
r
r
u
C
e
c
r
u
o
S
P
M
O
CV
B
F
V
,
V
8
.
0
=
P
M
O
C
V
5
.
1
=0
2A
µ
Unless specified: -40°C < T
A < 85°C, -40°C < TJ< 105°C, ROSC = 12.1kΩ, VIN = 5V, VBOOST = 8V
Note 1: This device is ESD sensitive. Standard ESD handling precaution is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com