Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2447EVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2447EVB
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447EVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2447EVB Datasheet HTML 17Page - Semtech Corporation SC2447EVB Datasheet HTML 18Page - Semtech Corporation SC2447EVB Datasheet HTML 19Page - Semtech Corporation SC2447EVB Datasheet HTML 20Page - Semtech Corporation SC2447EVB Datasheet HTML 21Page - Semtech Corporation SC2447EVB Datasheet HTML 22Page - Semtech Corporation SC2447EVB Datasheet HTML 23Page - Semtech Corporation SC2447EVB Datasheet HTML 24Page - Semtech Corporation SC2447EVB Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
Overload Protection and Hiccup
During start-up, the capacitor from the SS/EN pin to
ground functions as a soft-start capacitor. After the
converter starts and enters regulation, the same
capacitor operates as an overload shutoff timing
capacitor. There is an internal net 9.5
µA current source
charging the soft start capacitor C
32(C33), connected to
the SS/EN pin. The soft-start voltage V
SS/EN will reach its
final value if no current limit occurs. As the load current
increases, the cycle-by-cycle current-limit comparator will
first limit the inductor current. If V
SS/EN is higher than
3.2V, an internal net 37
µA current source will discharge
the soft-start capacitor C
32(C33)
during the off time after
tripping the over-current comparator. If V
SS/EN falls to
2.85V, the controller will shut off both the top and the
bottom MOSFETs by pulling down the GDL and tri-stating
the GDH output (PWM). An internal net 7.5
µA current
source discharges C
32(C33) .
When the capacitor is discharged below 0.5V, the overload
hiccup latch is reset, the 9.5
µA current source recharges
the SS/EN capacitor and converter restarts. The overload
hiccup function is enabled when the soft start capacitor
voltage exceeds 3.2V. The converter will repeatedly start
and shut off until it is no longer overloaded when the
soft-start voltage exceeds 3.2V. This hiccup mode of
overload protection is a form of foldback current limiting.
The following calculations estimate the average inductor
current when the converter output is shorted to the
ground:
a) The time taken to discharge the capacitor from 3.2V
to 2.85V is
A
V
C
t
ssf
µ
37
)
85
.
2
2
.
3
(
32
1
−
=
.
If C
32 = 0.1µF, tssf1 is calculated as 0.945ms.
b) The time taken to discharge the capacitor from 2.85V
to 0.5V is
A
V
C
t
ssf
µ
5
.
7
)
5
.
0
85
.
2
(
32
2
−
=
.
If C
32 = 0.1µF, tssf2 is calculated as 31.3ms.
c) The soft start time from 0.5V to 3.2V is
A
V
C
t
ssr
µ
5
.
9
)
5
.
0
2
.
3
(
32
−
=
.
When C
32 = 0.1µF, tssr is
calculated as 28.4ms. Note
that during soft start, the converter only starts switching
when the voltage at SS/EN exceeds 1.25V.
d) The effective start-up time is
A
V
C
t
sso
µ
5
.
9
)
25
.
1
2
.
3
(
32
−
=
.
The average inductor current is then
ssr
ssf
ssf
sso
LMcp
Leff
t
t
t
t
I
I
+
+
=
2
1
.
I
Leff
≈ 0.34 I
LMcp and is independent of the soft start
capacitor value. The converter will not overheat in
hiccup.
Setting the Output Voltage
The non-inverting inputs of channel 1 and channel 2 error
amplifiers are brought out as device pins (Pin 10 and Pin
8). These pins can be tied to the precision 0.5V reference
output (Pin 9) of the SC2447. A simple voltage divider
(R
o1 at top and Ro2 at bottom) sets the converter output
voltage. The voltage feedback gain h=0.5/V
o is related
to the divider resistors as follows:
1
2
1
o
o
R
h
h
R
−
=
.
Once either R
o1 or Ro2 is chosen, the other can be
calculated for the desired output voltage V
o.
Since the
number of standard resistance values is limited, the
calculated resistance may not be available as a standard
value resistor. As a result, there will be a set error in the
converter output voltage. This non-random error is
caused by the feedback voltage divider ratio. It cannot
be corrected by the feedback loop.
The following table lists a few standard resistor
combinations for realizing some commonly used output
voltages.
)
V
(
o
V
6
.
0
9
.
0
2
.
15
.
1
8
.
15
.
23
.
3
h
/
)
h
-
1
(
2
.
0
8
.
0
4
.
12
6
.
24
6
.
5
)
m
h
O
(
1
o
R
0
0
2
6
0
8
K
4
.
1K
0
.
2
K
1
6
.
2K
2
0
.
4K
2
6
.
5
)
m
h
O
(
2
o
R
K
1
K
1
K
1K
1
K
1K
1K
1
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com