Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS6915 Datasheet(PDF) 7 Page - Analog Microelectronics GmbH

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6915 Datasheet(HTML) 7 Page - Analog Microelectronics GmbH

Back Button AMS6915 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 9Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 10Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 11Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2024, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 3.1
7/14
I2C-INTERFACE
AMS 6915 pressure sensors have a digital output (I²C-interface). When connected to a bidirectional I²C-bus,
the current corrected digital pressure and temperature values can be read from AMS 6915
’s output register
via the I²C-interface.
Communication via the I²C-bus follows a simple master-slave principle. Data transfer is always initialized by
a master (such as a microcontroller), which sends a data request to the sensor; the AMS 6915 sensor
–
which always operates as slave
– answers then.
The I²C-bus requires just two bus lines: a serial data line (SDA) and a serial clock line (SDL). SDA and SCL
are bidirectional lines, which are connected to the positive supply voltage using pull-up resistors.
AMS 6915 communication protocol adheres to a standard I²C communication protocol (given in Figure 3)
1.
1 There are three differences of AMS 6915’s communication protocol compared to the original I²C communication
protocol:
1.
A stop condition directly after a start condition without clock pulses in between is not allowed. This creates a
communication error for the next communication.
2.
A second start condition (restart) during data transmission when SCL is still high is not allowed.
3.
Between the start condition and the first rising SCL edge a falling SDA edge is not allowed.
Figure 3: Standard I²C protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com