Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS24-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # SS24-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS24-HF Datasheet(HTML) 3 Page - Comchip Technology

  SS24-HF Datasheet HTML 1Page - Comchip Technology SS24-HF Datasheet HTML 2Page - Comchip Technology SS24-HF Datasheet HTML 3Page - Comchip Technology SS24-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reel Taping Specification
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
400mm (min)
160mm (min)
Page 3
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
QW-JB082
DO-214AC
(SMA)
SYMBOL
(mm)
(inch)
E
F
P
P0
P1
T
W
W1
DO-214AC
(SMA)
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
2.70 ± 0.10
13.00 ± 0.20
5.33 ± 0.10
2.35 ± 0.10
1.55 ± 0.05
330 ± 2.00
0.106 ± 0.004
0.210 ± 0.004
0.093 ± 0.004
0.061 ± 0.002 12.992 ± 0.079
0.512 ± 0.008
0.069 ± 0.004
0.217 ± 0.002
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.008 ± 0.001 0.472 ± 0.012
1.75 ± 0.10
5.50 ± 0.05
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
0.20 ± 0.03
12.00 ± 0.30
14.70 + 2.00
− 1.00
2.953 ± 0.039
75.00 ± 1.00
0.579 + 0.079
− 0.039
D
D1
D2
W1
Index hole
A
B
C
d
E
F
P
P0
P1
T
W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com